Electronic Components Datasheet Search
  English  ▼

X  

MA4ST401 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST401
Description  Surface Mount Hyperabrupt Varactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST401 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST401 Datasheet HTML 1Page - Tyco Electronics MA4ST401 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Hyperabrupt Varactors
MA4ST300 Series
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Absolute Maximum Rating @ 25°C
Features
• Surface Mount Packages
• High Quality Factor
• Capacitance Ratio to 9.5:1
• Tape and Reel Packaging Available
• SPC Monitored Ion Implantation for Excellent
C-V Repeatability
• Singles and Common Cathode Pairs
Description
M/A-COM’s MA4ST400 series are ion-implanted, hyperabrupt
junction, silicon tuning varactors in the SOT-23 surface mount
package.
These thermal oxide passivated diodes feature high
capacitance ratio and quality factor.
They are well suited for
octave bandwidth tuning in the HF to UHF frequency bands. The
standard capacitance tolerance is ± 10%, with tighter tolerances
available. Capacitance matching at one or more bias voltages is
also available.
Applications
The MA4ST400 series tuning varactors are useful for octave
bandwidth tuning applications in the HF through UHF ranges.
Applications include VCOs and voltage tuned filters in radios,
cable TV tuners and test instruments where low cost and excellent
lot-to-lot repeatability are critical. Linear tuning performance is
available from 3 to 8 volts.
Ordering Information
The model number indicated is for a single varactor.
When
ordering diodes in common cathode pairs add suffix “CK.” For
example, MA4ST401CK specifies model number MA4ST401 in
common cathode pairs. To order parts on tape and reel add suffix
“T” to the end of the part number. i.e., MA4ST401CK-T.
SOT-233
Surface Mount
Hyperabrupt Varactors
MA4ST400 Series
TOP VIEW
Single
Double
Configurations
Parameter
Absolute Maximum
Reverse Voltage
22 Volts
Forward Current
50 mA
Total Power Dissipation
1
250 mW
Junction Operating Temp.
-55°C to +125°C
Storage Temperature
-55°C to +125°C
1. At 25°C case temperature. Derate linearly to zero at 150°C.


Similar Part No. - MA4ST401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST401-287T MACOM-MA4ST401-287T Datasheet
67Kb / 4P
Surface Mount Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST401-287T MA-COM-MA4ST401-287T Datasheet
70Kb / 4P
Surface Mount Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST401CK-287T MACOM-MA4ST401CK-287T Datasheet
67Kb / 4P
Surface Mount Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST401CK-287T MA-COM-MA4ST401CK-287T Datasheet
70Kb / 4P
Surface Mount Hyperabrupt Varactors
More results

Similar Description - MA4ST401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST400 MACOM-MA4ST400_1 Datasheet
67Kb / 4P
Surface Mount Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST400 MA-COM-MA4ST400 Datasheet
70Kb / 4P
Surface Mount Hyperabrupt Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-000400 MA-COM-MAVR-000400 Datasheet
470Kb / 4P
Surface Mount Hyperabrupt Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-000400 MA-COM-MAVR-000400_15 Datasheet
632Kb / 5P
Surface Mount Hyperabrupt Varactors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com