Electronic Components Datasheet Search
  English  ▼

X  

232002B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 232002B
Description  Typical 1dB bandwidth of 20.3 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232002B Datasheet(HTML) 1 Page - Integrated Technology Future

  232002B Datasheet HTML 1Page - Integrated Technology Future 232002B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
75.0 MHz SAW Filter
Part Number
232002B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 20.3 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature : -30℃
℃
℃
℃ ~ +85℃
℃
℃
℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
75.0
-
Insertion Loss
dB
-
23.5
25.0
1dB Bandwidth
MHz
20.2
20.34
-
3dB Bandwidth
MHz
-
20.75
-
20dB Bandwidth
MHz
-
21.88
-
40dB Bandwidth
MHz
-
22.42
22.55
Amplitude Ripple (Fo±9.5MHz)
dB
-
0.4
1.0
Group Delay Variation (Fo±9.5MHz)
nsec
-
30
60
Absolute Delay
usec
-
1.90
-
Ultimate Rejection
dB
50
53
-
Temperature Coefficient of Frequency
ppm/℃
℃
℃
℃
-
-72
-
Room Temperature : +25℃
℃
℃
℃
Minimum
Typical
Maximum
Insertion Loss
dB
-
23.5
25.0
Amplitude Ripple (Fo±9.8MHz)
dB
-
0.4
1.0
Group Delay Variation (Fo±9.8MHz)
nsec
-
30
60
D2012 Package Dimension
Matching Schematic
L1 = 100nH, L2 = 82nH,
C1 = 4.7pF
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
L2
Output
50Ω
C1
Input
50Ω
L1
1
1
1
1
5
5
5
5


Similar Part No. - 232002B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232002 LITTELFUSE-232002 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
Qualtek Electronics Cor...
232002-06 QUALTEK-232002-06 Datasheet
173Kb / 1P
HOSPITAL GRADE POWER CORD
logo
Littelfuse
232002. LITTELFUSE-232002. Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
232002.XE LITTELFUSE-232002.XE Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
232002.XW LITTELFUSE-232002.XW Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - 232002B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
220501B ITF-220501B Datasheet
189Kb / 2P
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12
221451B ITF-221451B Datasheet
208Kb / 2P
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14
230952B ITF-230952B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
231601B ITF-231601B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 15.6 MHz
Rev 1.0 2013. 03. 07
231654B ITF-231654B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 15.85 MHz
Rev 1.0 2010. 05. 20
250930B ITF-250930B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 25
250970B ITF-250970B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 11
251008B ITF-251008B Datasheet
179Kb / 2P
Typical 1dB bandwidth of 10.0 MHz
252062B ITF-252062B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 20.3 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com