Electronic Components Datasheet Search
  English  ▼

X  

233451B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 233451B
Description  Typical 1dB bandwidth of 32.95 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

233451B Datasheet(HTML) 2 Page - Integrated Technology Future

  233451B Datasheet HTML 1Page - Integrated Technology Future 233451B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75.0 MHz SAW Filter
Part Number 233451B
Tel: 82-32-621-1213
2010. 09. 14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃
℃
℃ )
1dB Bandwidth & Ripple
3dB Bandwidth & Group Delay
40dB Bandwidth
Wide band Properties
Smith Chart(S11 & S22)
SWR(S11 & S22)
CH1 S11
SWR
10 /
REF 0
CENTER 75. 000 000 MHz
SPAN 90. 000 000 MHz
Cor
CH3 S22
SWR
10 /
REF 0
Cor
16 May 2045 12:51:41
1
1: 6. 0691
75. 000 000 MHz
2
2: 3. 2411
75. 000 000 MHz
CH1 S11
1 U FS
CENTER 75. 000 000 MHz
SPAN 90. 000 000 MHz
Cor
CH3 S22
999 mU FS
Cor
16 May 2045 12:51:13
1
1: 9. 2490
-17 . 102
124. 09 pF
75. 000 000 MHz
2
2: 49. 631
-62 . 000
34. 227 pF
75. 000 000 MHz
CH1 S21
LOG
10 dB/
REF -16.3 dB
START . 010 000 MHz
STOP 400. 000 000 MHz
16 May 2045 12:52:35
1
2
3
4
5
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-41 . 356 dB
75. 0000 MHz
3:-29 . 908 dB
150. 000 MHz
4:-50 . 972 dB
225. 000 MHz
5:-50 . 998 dB
300. 000 MHz
CH1 S21
LOG
10 dB/
REF -16.3 dB
CENTER 75. 000 000 MHz
SPAN 90. 000 000 MHz
Cor
16 May 2045 12:49:21
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
39. 697825 MHz
cent :
75. 748842 MHz
Q: 1. 9081
1_loss : -16 . 427 dB
CH2 S21
LOG
1 dB/ REF -16.3 dB
CENTER 75. 000 000 MHz
SPAN 40. 000 000 MHz
Cor
CH4 S21
DEL
50 ns/
REF 696 ns
Cor
Smo
16 May 2045 12:50:24
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
34. 232153 MHz
cent :
74. 991377 MHz
Q: 2. 1907
1_loss : -16 . 460 dB
4
2
3
3:-9 . 4605 ns
30. 700 000 MHz
REF=2
CH4 Markers
mean: 713. 24 ns
s. dev : 3. 1099 ns
p-p : 21. 782 ns
CH2 S21
LOG
1 dB/ REF -16.3 dB
CENTER 75. 000 000 MHz
SPAN 40. 000 000 MHz
Cor
CH4 S21
LOG
1 dB/ REF -16.3 dB
Cor
16 May 2045 12:50:45
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
32. 948391 MHz
cent :
74. 940250 MHz
Q: 2. 2745
1_loss : -16 . 453 dB
4
2
3
3: . 12630 dB
30. 700 000 MHz
REF=2
CH4 Markers
mean:-16 . 532 dB
s. dev : . 07620 dB
p-p : . 42810 dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com