Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0002TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATSS0002TR
Description  Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0002TR Datasheet(HTML) 3 Page - Tyco Electronics

  MAATSS0002TR Datasheet HTML 1Page - Tyco Electronics MAATSS0002TR Datasheet HTML 2Page - Tyco Electronics MAATSS0002TR Datasheet HTML 3Page - Tyco Electronics MAATSS0002TR Datasheet HTML 4Page - Tyco Electronics MAATSS0002TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0002
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
3
Typical Performance Curves
Insertion Loss vs. Frequency
-3
-2.5
-2
-1.5
-1
-0.5
0
Frequency (GHz)
25°C
-40°C
+85°C
VSWR vs. Frequency @ +25°C
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
Frequency (GHz)
0dB
1dB
2dB
VSWR vs. Frequency @ +25°C
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
Frequency (GHz)
16 dB
8 dB
4 dB
31 dB
Deviation from Attenuation Setting
@ 0.8 GHz
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Atten. Settings
25°C
-40°C
+85°C
Deviation from Attenuation Setting
@ 1.5 GHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Atten. Settings
25°C
-40°C
+85°C
Deviation from Attenuation Setting
@ 2.0 GHz
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Atten. Settings
25°C
-40°C
+85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com