Electronic Components Datasheet Search
  English  ▼

X  

MABAES0008 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABAES0008
Description  E-Series RF 1:4 Flux Coupled Stepup Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0008 Datasheet(HTML) 1 Page - Tyco Electronics

  MABAES0008 Datasheet HTML 1Page - Tyco Electronics MABAES0008 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
V2.00
S 0180 H
Features
• Surface Mount
• 1:4 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s MABAES0008 is a 1:4 RF flux coupled step-up
transformer in a low cost, surface mount package. Ideally suited
for high volume applications.
SM-22 Package
E-Series RF 1:4 Flux Coupled Step-
up Transformer
MABAES0008
Schematic
(3.30)
(2.54)
0.100
(0.762)
(1.397)
0.055
(4.83)
0.190
0.130
0.030
(3.81 MAX)
0.150 MAX
(0.762)
0.030
0.030
(0.762)
0.030
(0.762)
(1.27)
0.050
(3.81)
0.150
(3.81)
0.150
(1.65)
0.065
Electrical Specifications @25°C
Parameter
Units
Nominal
Maximum
Mean (x)
Sigma (
σ)
Frequency Range 1 - 350
MHz
—
—
—
—
Insertion Loss (fL - fU)
5 - 100 MHz
2 - 300 MHz
1 - 350 MHz
dB
dB
dB
—
—
—
1.0
2.0
3.0
—
1.21
—
—
0.032
—
Amplitude Unbalance
5 - 100 MHz
1 - 350 MHz
dB
dB
—
—
0.1
0.5
—
—
—
—
Phase Unbalance
5 - 100 MHz
1 - 350 MHz
Degrees
Degrees
—
—
1.0
5.0
—
—
—
—
Please Note that the photograph above indicates typical package only, not actual unit.
Primary Dot 4
Primary 5
3 Secondary Dot
1 Secondary
4 turns
4 turns
4 turns
2 Secondary CT


Similar Part No. - MABAES0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABAES0008 MA-COM-MABAES0008 Datasheet
102Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 3 MHZ - 250 MHz
More results

Similar Description - MABAES0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0015 MACOM-MABAES0015 Datasheet
71Kb / 2P
RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
MABAES0061_V5 MA-COM-MABAES0061_V5 Datasheet
635Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer
DS-MABAES0008 MA-COM-DS-MABAES0008 Datasheet
324Kb / 2P
RF 1:4 Flux Coupled Stepup Transformer 3 MHZ - 250 MHz
MABAES0031 MA-COM-MABAES0031 Datasheet
81Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer
MABAES0060-V6 MA-COM-MABAES0060-V6 Datasheet
867Kb / 4P
E-Series RF 1:1 Flux Coupled Transformer
MABAES0061-V6 MA-COM-MABAES0061-V6 Datasheet
886Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
MABAES0031 MA-COM-MABAES0031_15 Datasheet
81Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer
MABAES0061 MA-COM-MABAES0061_15 Datasheet
886Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018_15 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com