Electronic Components Datasheet Search
  English  ▼

X  

MABAES0017 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0017
Description  E-Series RF 1:2.56 Impedance Ration Center Taped Transformer 5 - 65 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0017 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0017 Datasheet HTML 1Page - Tyco Electronics MABAES0017 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1599 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage Temperature
-40°C to +85°C
Functional Configuration
Function
Pin No.
Primary
4
Primary Dot
5
Secondary
3
Secondary Dot
1
Centre Tap
2
Typical Performance @ +25°C
Insertion Loss 1
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
5.00
17.00
29.00
41.00
53.00
65.00
Frequency (MHz)
MABAES0017
Insertion Loss 2
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
5.00
17.00
29.00
41.00
53.00
65.00
Frequency (MHz)
Amplitude Balance
0.00
0.01
0.02
0.03
0.04
0.05
5.00
17.00
29.00
41.00
53.00
65.00
Frequency (MHz)
Phase Balance
160.00
170.00
180.00
190.00
200.00
5.00
17.00
29.00
41.00
53.00
65.00
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com