Electronic Components Datasheet Search
  English  ▼

X  

MABAES0032 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABAES0032
Description  E-Series RF 1:1 Transformer 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0032 Datasheet(HTML) 1 Page - Tyco Electronics

  MABAES0032 Datasheet HTML 1Page - Tyco Electronics MABAES0032 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1612 A
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V1.0
MABAES0032
1
Features
• Surface Mount
• 1:1 Impedance Ratio
• CT on Secondary
• Available on Tape and Reel
Description
M/A-COM’s MABAES0032 is a 1:1 RF transformer in a low
cost, surface mount package. Ideally suited for high volume
cellular wireless applications. Typical applications include
single to balanced mode conversion and impedance matching.
Electrical Specifications @25°C
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5-1000
MHz
—
—
—
Insertion Loss
5 - 300 MHz
300-1000 MHz
dB
dB
0.7
1.3
—
—
1.0
1.8
Amplitude Imbalance
5-1000 MHz
dB
0.4
—
0.8
Phase Imbalance
5 - 300 MHz
300-1000 MHz
O
O
3.0
o
7.0
o
—
—
5.0
o
10.0
o
E-Series RF 1:1 Transformer
5 - 1000 MHz
SM-138 Package
Schematic
Primary Dot 5
Primary 4
1 Secondary Dot
3 Secondary


Similar Part No. - MABAES0032

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABAES0032 MA-COM-MABAES0032 Datasheet
97Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
More results

Similar Description - MABAES0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1-1T-75 MACOM-ETC1-1T-75 Datasheet
29Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
ETC2-1-4 MACOM-ETC2-1-4 Datasheet
34Kb / 1P
E-Series RF 2:1 Transformer 10 - 1000 MHz
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
E-Series RF 2:1 Transformer 50 - 1000 MHz
MABAES0034 MACOM-MABAES0034 Datasheet
42Kb / 1P
E-Series RF 4:1 Transformer 20 - 1000 MHz
ETC1.5-7 MACOM-ETC1.5-7 Datasheet
57Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
ETC4-1T-75 MACOM-ETC4-1T-75 Datasheet
105Kb / 1P
E-Series RF 1:4 Transformer 40 - 1000 MHz
logo
M/A-COM Technology Solu...
MABAES0028 MA-COM-MABAES0028 Datasheet
126Kb / 2P
E-Series RF 2.7:1 Transformer 0.03 MHZ - 1000 MHz
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
MABA-008752-TC1P57 MA-COM-MABA-008752-TC1P57 Datasheet
72Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com