Electronic Components Datasheet Search
  English  ▼

X  

MABAES0034 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABAES0034
Description  E-Series RF 4:1 Transformer 20 - 1000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0034 Datasheet(HTML) 1 Page - Tyco Electronics

  MABAES0034 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S 1630 C
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
MABAES0034
1
Features
• Surface Mount
• 4:1 Impedance Ratio
Description
M/A-COM’s MABAES0034 is a 4:1 RF transformer in a low
cost, surface mount package.
Ideally suited for high volume
cellular and wireless applications.
E-Series RF 4:1 Transformer
20 - 1000 MHz
Schematic
SM-22 Package
(3.30)
(2.54)
0.100
(0.762)
(1.397)
0.055
(4.83)
0.190
0.130
0.030
(3.81 MAX)
0.150 MAX
(0.762)
0.030
0.030
(0.762)
0.030
(0.762)
(1.27)
0.050
(3.81)
0.150
(3.81)
0.150
(1.65)
0.065
1
4
5
Functional Configuration
Function
Pin No.
Primary dot
1
Primary
5
Primary CT
-
Secondary dot
4
Secondary
5
Secondary CT
-
Case Ground
-
Not Connected
2,3
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Storage Temperature
-55°C to +100°C
Electrical Specifications @25°C
Parameter
Units
Nominal
Typical
Minimum
Maximum
Frequency Range
20 - 1000
MHz
—
—
—
—
Insertion Loss (fL - fU)
20 - 500 MHz
dB
—
1.8
—
2.0
500 - 1000 MHz
dB
—
2.2
—
2.5
Note: photograph above indicates package only ,not actual unit.


Similar Part No. - MABAES0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABAES0034 MA-COM-MABAES0034 Datasheet
91Kb / 1P
E-Series RF 4:1 Auto Transformer 20 - 1000 MHz
More results

Similar Description - MABAES0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1-1T-75 MACOM-ETC1-1T-75 Datasheet
29Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
E-Series RF 2:1 Transformer 50 - 1000 MHz
ETC4-1-8 MACOM-ETC4-1-8 Datasheet
76Kb / 1P
E-Series RF 1:4 Transformer 20 - 350 MHz
MABAES0032 MACOM-MABAES0032 Datasheet
48Kb / 2P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC4-1T-75 MACOM-ETC4-1T-75 Datasheet
105Kb / 1P
E-Series RF 1:4 Transformer 40 - 1000 MHz
logo
M/A-COM Technology Solu...
MABAES0028 MA-COM-MABAES0028 Datasheet
126Kb / 2P
E-Series RF 2.7:1 Transformer 0.03 MHZ - 1000 MHz
MABAES0034 MA-COM-MABAES0034 Datasheet
91Kb / 1P
E-Series RF 4:1 Auto Transformer 20 - 1000 MHz
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
E-Series RF 1:1 Transformer 40 - 1000 MHz
ETC4-1-8 MA-COM-ETC4-1-8 Datasheet
46Kb / 2P
E-Series RF 1:4 Transformer 20 - 350 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com