Electronic Components Datasheet Search
  English  ▼

X  

MACPES0004 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MACPES0004
Description  E-Series 75 Ohm Coupler 5 - 870 MHZ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MACPES0004 Datasheet(HTML) 1 Page - Tyco Electronics

  MACPES0004 Datasheet HTML 1Page - Tyco Electronics MACPES0004 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1557 B
23/10/’00
Features
• Low Intermod Distortion
• Coupling 10db Typical
• Surface Mount
• Tape and Reel Packaging available
Description
M/A-COM’s MACPES0004 is a high performance 75 Ohm
Coupler, in a SM-132 low cost, surface mount package. The
MACPES0004 is specifically designed for extremely low
intermod distortion in CATV applications. The MACPES0004
required the use of a 6+/-5%uH shunt inductor and a series
1500+/-5% pF capacitor on the input and a 3300+/-5% pF
series capacitor on the output to meet the performance char-
acteristics below.
SM-132 Package
E-Series 75 Ohm Coupler
5 - 870 MHZ
Electrical Specifications @25°C
Frequency Range 5 - 870 MHz
Units
Nominal
Typical
Minimum
Maximum
Mainline Loss
5 - 450 MHz
450-870 MHz
dB
dB
—
—
1.1
1.3
—
—
1.3
1.6
Coupling
5 - 870 MHz
dB
10.2
—
—
± 0.5
Coupling Flatness
dB
—
—
—
1.0
Isolation
5 - 450 MHz
450-870MHz
dB
dB
—
—
35
28
25
18
—
—
Input Return Loss
5 - 870 MHz
dB
—
24
18
—
Output Return Loss
5 - 870 MHz
dB
—
26
20
—
Coupled Return Loss
5- 870 MHz
dB
—
21
17
—
Please Note that the photograph above indicates package shape only, unit may be wired differently.
MACPES0004


Similar Part No. - MACPES0004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
MACPES0004 MA-COM-MACPES0004_15 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler
More results

Similar Description - MACPES0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELDC-10 MACOM-ELDC-10 Datasheet
331Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-10LI MACOM-ELDC-10LI Datasheet
104Kb / 2P
E-Series 75 Ohm Coupler 40 - 870 MHZ
ELDC-12LI MACOM-ELDC-12LI Datasheet
171Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-16LI MACOM-ELDC-16LI Datasheet
86Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-17LI MACOM-ELDC-17LI Datasheet
90Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
ELDC-8LI-1 MACOM-ELDC-8LI-1 Datasheet
170Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
logo
M/A-COM Technology Solu...
MACPES0004 MA-COM-MACPES0004 Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
MACPES0034 MA-COM-MACPES0034 Datasheet
73Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
ELDC-14 MA-COM-ELDC-14 Datasheet
197Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
ELDC-17LI MA-COM-ELDC-17LI Datasheet
84Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com