Electronic Components Datasheet Search
  English  ▼

X  

MADA2030G Datasheet(PDF) 2 Page - Tyco Electronics

Part # MADA2030G
Description  5-Bit GaAs Digital Attenuator DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADA2030G Datasheet(HTML) 2 Page - Tyco Electronics

  MADA2030G Datasheet HTML 1Page - Tyco Electronics MADA2030G Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Handling, Mounting and Bonding Procedure
MADA2030G
DA2030 Truth Table
Control Input
Attenuation
VC1
VC2
VC3
VC3
VC4
VC4
VC5
VC5
Settings
VinHi
VinHi
VinHi VinLow VinHi VinLow VinHi VinLow Reference
VinLow VinHi
VinHi VinLow VinHi VinLow VinHi VinLow
.5dB
VinHi
VinLow VinHi VinLow VinHi VinLow VinHi VinLow
1dB
VinHi
VinHi VinLow VinHi
VinHi VinLow VinHi VinLow
2dB
VinHi
VinHi
VinHi VinLow VinLow VinHi
VinHi VinLow
4dB
VinHi
VinHi
VinHi VinLow VinHi VinLow VinLow VinHi
8dB
Maximum Ratings
A. Control Voltage : -8.5 Vdc
B. Max Input RF Power: +34 dBm
(500 MHz - 4 GHz)
C. Storage Temperature: -65°C to +175°C
D. Maximum Operating Temperature: +175°C
BondPad Dimensions
Inches (mm)
Die Size
Inches (mm)
0.045" x 0.039" x 0.010"
(1.14mm x 0.99mm x 0.25mm)
Schematic
Handling Precautions
Permanent damage to the MADA2030 may occur if the following
precautions are not adhered to:
A. Cleanliness – The MADA2030 should be handled in a clean
environment. DO NOT attempt to clean unit after the
MADA2030 is installed.
B. Static Sensitivity – All chip handling equipment and personnel
should be DC grounded.
C. Transient – Avoid instrument and power supply transients
while bias is applied to the MADA2030. Use shielded signal
and bias cables to minimize inductive pick-up.
D. Bias – Apply voltage to either complementary control ports
only when the other is grounded. Neither port should be
allowed to “float”.
E. General Handling – It is recommended that the MADA2030
chip be handled along the long side of the die with a sharp
pair of bent tweezers. DO NOT touch the surface of the chip
with fingers or tweezers.
Mounting
The MADA2030 is back-metallized with Pd/Ni/Au (100/1,000/10,000Å)
metallization. It can be die-mounted with AuSn eutectic preforms
or with thermally conductive epoxy. The package surface should
be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work surface
temperature of approximately 255°C and a tool temperature
of 265°C. When hot 90/10 nitrogen/hydrogen gas is applied,
tool tip temperature should be approximately 290°C.
B. DO NOT expose the MADA2030 to a temperature greater
than 320°C for more than 20 seconds. No more than 3 sec-
onds of scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the MADA2030
into position. A thin epoxy fillet should be visible around the
perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used but is not required.
Wire Bonding
A. Ball or wedge bond with 1.0 mil diameter pure gold wire.
Thermo- sonic wirebonding with a nominal stage temperature of
150°C and a ball bonding force of 40 to 50 grams or wedge
bonding force of 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the minimum levels to
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminated on the
package. GND bonds should be as short as possible; at least
three and no more than four bond wires from ground pads to
package are recommended.
RFin, RFout: 0.004" x 0.004"
(0.100mm x 0.100mm)
VC1,VC2,VC3,VC3,VC4,VC4: 0.004" x 0.004"
(0.100mm x 0.100mm)
GND1,GND2,GND3: 0.009" x 0.004"
GND4: 0.004" x 0.004"
(0.100mm x 0.100mm)
VinLow
0 to -0.2V
VinHi
-5V to -8V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com