Electronic Components Datasheet Search
  English  ▼

X  

BC850 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC850
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC850 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC850 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
BC849/850
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION .
FEATURES
・For Complementary With PNP Type BC859/860.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE Classification
B:200
~450, C:420~800
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BC849
V(BR)CEO
IC=10mA, IB=0
30
-
-
V
BC850
45
-
-
Collector-Base
Breakdown Voltage
BC849
V(BR)CBO
IC=10μ
A, IE=0
30
-
-
V
BC850
50
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A, IC=0
5
-
-
V
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
15
nA
DC Current Gain
hFE(Note)
IC=2mA, VCE=5V
200
-
800
Base-Emitter Voltage
VBE(ON) 1
IC=2mA, VCE=5V
0.58
0.66
0.7
V
VBE(ON) 2
IC=10mA, VCE=5V
-
-
0.77
Collector-Emitter Saturation Voltage
VCE(sat) 1
IC=10mA, IB=0.5mA
-
0.09
0.25
V
VCE(sat) 2
IC=100mA, IB=5mA
-
0.2
0.6
Base-Emitter Saturation Voltage
VBE(sat) 1
IC=10mA, IB=0.5mA
-
0.7
-
V
VBE(sat) 2
IC=100mA, IB=5mA
-
0.9
-
Transition Frequency
fT
IC=10mA, VCE=5V, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.5
4.5
pF
Noise Figure
BC849
NF
IC=200μ
A, VCE=5V
Rg=10k
Ω, f=1kHz
-
-
4.0
dB
BC850
-
-
1.0
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC849
VCBO
30
V
BC850
50
Collector-Emitter Voltage
BC849
VCEO
30
V
BC850
45
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
PC* : Package Mounted On 99.5% Alumina 10×8×0.6mm.
TYPE
BC849B
BC849C
BC850B
BC850C
MARK
2B
2C
2F
2G
MARK SPEC
Type Name
Marking
Lot No.


Similar Part No. - BC850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850 PHILIPS-BC850 Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
Fairchild Semiconductor
BC850 FAIRCHILD-BC850 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC850 KEC-BC850 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC850 INFINEON-BC850 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
logo
Diotec Semiconductor
BC850 DIOTEC-BC850 Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC850

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com