Electronic Components Datasheet Search
  English  ▼

X  

BC860 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC860
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC860 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC860 Datasheet HTML 1Page - KEC(Korea Electronics) BC860 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998. 6. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
BC859/860
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
・For Complementary with NPN Type BC849/850
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE Classification
A:125
~250, B:220~475
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
BC859
VCBO
-30
V
BC860
-50
Collector-Emitter
Voltage
BC859
VCEO
-30
V
BC860
-45
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
TYPE
BC859A
BC859B
BC860A
BC860B
MARK
4A
4B
4E
4G
PC* : Package Mounted On 99.5% Alumina 10×8×0.6mm.
MARK SPEC
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BC859
V(BR)CEO
IC=-10mA, IB=0
-30
-
-
V
BC860
-45
-
-
Collector-Base
Breakdown Voltage
BC859
V(BR)CBO
IC=-10μ
A, IE=0
-30
-
-
V
BC860
-50
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10μ
A, IC=0
-5
-
-
V
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-15
nA
DC Current Gain
hFE
IC=-2mA, VCE=-5V
125
-
475
Base-Emitter Voltage
VBE(ON) 1
IC=-2mA, VCE=-5V
-0.6
-0.65
-0.75
V
VBE(ON) 2
IC=-10mA, VCE=-5V
-
-
-0.82
Collector-Emitter Saturation Voltage
VCE(sat) 1
IC=-10mA, IB=-0.5mA
-
-0.075
-0.3
V
VCE(sat) 2
IC=-100mA, IB=-5mA
-
-0.25
-0.65
Base-Emitter Saturation Voltage
VBE(sat) 1
IC=-10mA, IB=-0.5mA
-
-0.7
-
V
VBE(sat) 2
IC=-100mA, IB=-5mA
-
-0.85
-
Transition Frequency
fT
IC=-10mA, VCE=-5V, f=100MHz
-
150
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4.5
-
pF
Noise Figure
NF
IC=-200μ
A, VCE=-5V
Rg=10k
Ω, f=1kHz
-
-
4.0
dB
Type Name
Marking
Lot No.


Similar Part No. - BC860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860 PHILIPS-BC860 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
logo
Fairchild Semiconductor
BC860 FAIRCHILD-BC860 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
KEC(Korea Electronics)
BC860 KEC-BC860 Datasheet
243Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC860 INFINEON-BC860 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860 DIOTEC-BC860 Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC860

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com