Electronic Components Datasheet Search
  English  ▼

X  

BCW68 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BCW68
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BCW68 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BCW68 Datasheet HTML 1Page - KEC(Korea Electronics) BCW68 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1998. 6. 15
2/2
BCW68
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-45
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A, IC=0
-5.0
-
-
V
Collector Cut-off Current
ICES
VEB=0V, VCE=-45V
-
-
-20
nA
Ta=150
℃, V
EB=0V, VCE=-45V
-
-
-20
μA
Emitter Cut-off Current
IEBO
IC=0, VEB=-4V
-
-
-20
nA
DC Current Gain
Group F
hFE
VCE=-1V, IC=-10mA
75
-
-
Group G
120
-
-
Group F
VCE=-1V, IC=-100mA
100
-
250
Group G
160
-
400
Group F
VCE=-1V, IC=-500mA
35
-
-
Group G
60
-
Base-Emitter Saturation Voltage
VBE(sat)
IC=-100mA, IB=-10mA
-
-
-1.25
V
IC=-500mA, IB=-50mA
-
-
-2.0
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.3
V
IC=-500mA, IB=-50mA
-
-
-0.7
Transition Frequency
fT
IC=-80mA, VCE=-10V, f=100MHz
100
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
18
pF
Collector Input Capacitance
Cib
VEB=-0.5V, f=1MHz
-
-
80
pF
Noise Figure
NF
IC=-0.2mA, VCE=-5V,
Rg=1k
Ω, f=1kHz
-
2.0
10
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com