Electronic Components Datasheet Search
  English  ▼

X  

KTA200 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA200
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA200 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA200 Datasheet HTML 1Page - KEC(Korea Electronics) KTA200 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KTA200
Revision No : 0
1994. 3. 23
2/2
I - V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0-1
0
I - V
BBE
BE
BASE-EMITTER VOLTAGE V
(V)
0
0
25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-2
-3
-4
-5
-100
-300
-500
-600
-200
-400
COMMON
EMITTER
Ta=25 C
I =-1mA
B
-2mA
-3mA
-4mA
-5mA
-6mA
-7mA
-8mA
1k
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-0.2
-1
-3
-10
-30
-100
-300
-1k
10
30
100
50
300
500
COMMON EMITTER
Tc=100 C
Tc=25 C
Tc=-25 C
V
=-6V
CE
V
=-1V
CE
-3
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
-0.5
-10
-30
-100
-300
-1k
-1
-0.01
-0.03
-0.1
-0.3
-0.1
-3
COMMON EMITTER
I /I =10
CB
Ta=100 C
Ta=25 C
Ta=-25 C
50
75
100
125
150
175
100
200
300
400
500
600
700
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.3
-1
-3
-10
-30
-100
-300
-1k
-3k
COMMON
EMITTER
V =-6V
CE
0mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com