Electronic Components Datasheet Search
  English  ▼

X  

RT2568 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2568
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2568 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2568 Datasheet HTML 1Page - Richtek Technology Corporation RT2568 Datasheet HTML 2Page - Richtek Technology Corporation RT2568 Datasheet HTML 3Page - Richtek Technology Corporation RT2568 Datasheet HTML 4Page - Richtek Technology Corporation RT2568 Datasheet HTML 5Page - Richtek Technology Corporation RT2568 Datasheet HTML 6Page - Richtek Technology Corporation RT2568 Datasheet HTML 7Page - Richtek Technology Corporation RT2568 Datasheet HTML 8Page - Richtek Technology Corporation RT2568 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT2568
2
DS2568-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
REFIN
Reference Input.
2
VIN
Power Input of the Regulator.
3
VOUT
Power Output of the Regulator.
4
PGND
Power Ground of the Regulator.
5
SENSE
Voltage Sense Input for the Regulator. Connect to positive terminal of the
output capacitor or the load.
6
REFOUT
Reference Output. Connect to GND through a 0.1
F ceramic capacitor.
7
EN
Enable Control Input. For DDR VTT application, connect EN to SLP_S3. For
other applications, use EN as the ON/OFF function.
9
PGOOD
Power Good Open-Drain Output. Connect a pull-up resistor between this pin
and VCNTL pin.
10
VCNTL
Control Voltage Input. Connect this pin to the 3.3V or 5V power supply. A
ceramic decoupling capacitor with a value 4.7
F is required.
8,
11 (Exposed Pad)
GND
Analog Ground. Connect to negative terminal of the output capacitor. The
exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
REFIN
VIN
SENSE
PGND
VCNTL
PGOOD
GND
REFOUT
EN
VOUT
9
8
7
1
2
3
4
5
10
6
11
RT2568
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com