Electronic Components Datasheet Search
  English  ▼

X  

RT2872GSP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2872GSP
Description  RT2872 Step-Down Converter Evaluation Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2872GSP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2872GSP Datasheet HTML 1Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 2Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 3Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 4Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 5Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 6Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 7Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 8Page - Richtek Technology Corporation RT2872GSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT2872GSP
Evaluation Board
EVB_RT2872GSP-00
June 2015
http://www.richtek.com
your power partner.
Introduction
General Product Description
The RT2872 is a high efficiency, current mode synchronous step-down DC/DC converter that can deliver up to 3A
output current over a wide input voltage range from 4.5V to 36V. The device integrates a 105
mΩ high side and an
80mΩ low side MOSFET to achieve high conversion efficiency up to 95%. The current mode control architecture
supports fast transient response and uses a simple compensation circuit.
A cycle-by-cycle current limit function provides protection against a shorted output and an internal soft-start
eliminates input surge current during start-up. The RT2872 provides complete protection functions such as input
under voltage lockout, output under voltage protection, over current protection and thermal shutdown.
The RT2872 is available in the thermal enhanced SOP-8 (Exposed Pad) package.
Product Features
4.5V to 36V Input Voltage Range
3A Output Current
Internal N-MOSFETs
Current Mode Control
Frequency Operation : 300kHz to 1MHz
Adjustable Output Voltage from 0.8V to 30V
High Efficiency Up to 95%
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Current Limit
AEC-Q100 Grade 3 Certification
Application
Point of Load Regulator in Distributed Power Systems
Digital Set Top Boxes
Broadband Communications
Vehicle Electronics
Automotive Audio, Navigation, and Information Systems
Enterprise Datacom Platforms Point of Load (POL)
Industrial Grade General Purpose Point of Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com