Electronic Components Datasheet Search
  English  ▼

X  

RT6200GE Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6200GE
Description  RT6200GE Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200GE Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6200GE Datasheet HTML 1Page - Richtek Technology Corporation RT6200GE Datasheet HTML 2Page - Richtek Technology Corporation RT6200GE Datasheet HTML 3Page - Richtek Technology Corporation RT6200GE Datasheet HTML 4Page - Richtek Technology Corporation RT6200GE Datasheet HTML 5Page - Richtek Technology Corporation RT6200GE Datasheet HTML 6Page - Richtek Technology Corporation RT6200GE Datasheet HTML 7Page - Richtek Technology Corporation RT6200GE Datasheet HTML 8Page - Richtek Technology Corporation RT6200GE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT6200GE
Evaluation Board
UG6200GE-00
January 2015
5
http://www.richtek.com
your power partner.
Schematic, Bill of Materials & Board Layout
EVB Schematic Diagram
C2: 10μF/50V/X5R, 1206, TDK C3216X5R1H106K
C4: 22μF/16V/X5R, 1210, Murata GRM32ER61C226K
L1: 15
μH TAIYO YUDEN NR8040T150M, DCR=50mΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com