Electronic Components Datasheet Search
  English  ▼

X  

RT6296C Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6296C
Description  The RT6296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296C Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6296C Datasheet HTML 5Page - Richtek Technology Corporation RT6296C Datasheet HTML 6Page - Richtek Technology Corporation RT6296C Datasheet HTML 7Page - Richtek Technology Corporation RT6296C Datasheet HTML 8Page - Richtek Technology Corporation RT6296C Datasheet HTML 9Page - Richtek Technology Corporation RT6296C Datasheet HTML 10Page - Richtek Technology Corporation RT6296C Datasheet HTML 11Page - Richtek Technology Corporation RT6296C Datasheet HTML 12Page - Richtek Technology Corporation RT6296C Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT6296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6296C-00
May
2015
12
Figure 3. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For best performance of the RT6296C, the following
layout guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
SW should be connected to inductor by wide and
short trace. Keep sensitive components away from
this trace.
Keep every trace connected to pin as wide as
possible for improving thermal dissipation
SW
VOUT
R1
R2
CIN
CIN COUT
COUT
SW should be connected to inductor by Wide and
short trace. Keep sensitive components away from
this trace. Suggestion layout trace wider for thermal.
Via can help to reduce
power trace and improve
thermal dissipation.
The feedback components
must be connected as close
to the device as possible.
VOUT
GND
SS
SW
FB
EN/SYNC
BOOT
VIN
PVCC
GND
Css
Input capacitor must be placed as close
to the IC as possible. Suggestion layout
trace wider for thermal.
Figure 4. PCB Layout Guide
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com