Electronic Components Datasheet Search
  English  ▼

X  

RT7255 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7255
Description  The RT7255 is a synchronous step-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7255 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7255 Datasheet HTML 1Page - Richtek Technology Corporation RT7255 Datasheet HTML 2Page - Richtek Technology Corporation RT7255 Datasheet HTML 3Page - Richtek Technology Corporation RT7255 Datasheet HTML 4Page - Richtek Technology Corporation RT7255 Datasheet HTML 5Page - Richtek Technology Corporation RT7255 Datasheet HTML 6Page - Richtek Technology Corporation RT7255 Datasheet HTML 7Page - Richtek Technology Corporation RT7255 Datasheet HTML 8Page - Richtek Technology Corporation RT7255 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT7255
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7255-00
June
2015
4
Absolute Maximum Ratings
(Note 1)
VIN to GND -------------------------------------------------------------------------------------------------------------
0.3V to 20V
SW to GND -------------------------------------------------------------------------------------------------------------
0.3V to 20V
<10ns---------------------------------------------------------------------------------------------------------------------
5V to 25V
BOOT to GND----------------------------------------------------------------------------------------------------------
0.3V to 26V
BOOT to SW------------------------------------------------------------------------------------------------------------
0.3V to 6V
Other Pins---------------------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25C
SOT-23-8----------------------------------------------------------------------------------------------------------------
0.53W
Package Thermal Resistance
(Note 2)
SOT-23-8,
JA----------------------------------------------------------------------------------------------------------186.2C/W
SOT-23-8,
JC----------------------------------------------------------------------------------------------------------47.4C/W
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------------
260C
Junction Temperature ------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ---------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) -----------------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------
4.3V to 18V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 12V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current (Shutdown)
ISHDN
VEN = 0V
--
--
12
A
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 1V
--
0.5
--
mA
Switch-On Resistance
High-Side
RDS(ON)_H
VBST
SW = 4.8V
--
230
--
m
Low-Side
RDS(ON)_L
PVIN = 5V
--
130
--
Current Limit
ILIM
Vally Current
1.7
2.2
2.8
A
Oscillator Frequency
fSW
--
500
--
kHz
Maximum Duty Cycle
DMAX
--
90
--
%
Minimum On-Time
tON
--
60
--
ns
Feedback Threshold Voltage
VFB
591
600
609
mV
Enable Input Voltage
Logic-High VEN_H
1.5
--
--
V
Logic-Low
VEN_L
--
--
0.4
VIN Under-Voltage Lockout
Threshold-Rising
VUVLO
3.55
3.9
4.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com