Electronic Components Datasheet Search
  English  ▼

X  

JFD Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFD
Description  Non-inductive, plastic case and epoxy resin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFD Datasheet(HTML) 1 Page - jb Capacitors Company

  JFD Datasheet HTML 1Page - jb Capacitors Company JFD Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Box Type Met Polyester Film Capacitor – JFD
 FEATURES
Non-inductive, plastic case and epoxy resin.
Box type provide the identical outer appearance.
High reliability.
 SPECIFICATIONS
Reference Standard
GB7332 (IEC 60384-2)
Climatic Category
40/85/21
Rated Voltage
63V, 100V, 160V, 250V, 400V, 630V.DC
Capacitance Range
0.001 ~ 2.2μF
Capacitance Tolerance
±
5%, ±10%, ±20%
Voltage Proof
1.6UR (5s)
Insulation Resistance
UR>100V
≥7500MΩ, CR≤0.33μF
(20℃, 100V, 1min)
≥2500s,
CR>0.33μF
UR≤100V
≥3750MΩ, CR≤0.33μF
(20℃, 10V, 1min)
≥1250s,
CR>0.33μF
Dissipation Factor
Frequency
CR≤0.1μF
CR>0.1μF
1KHz
≤1.0%
≤1.0%
 DRAWING
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JFD

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_15 Datasheet
271Kb / 2P
Box Type Met Polyester Film Capacitor
JFD JBCAPACITORS-JFD_17 Datasheet
279Kb / 2P
Box Type Met Polyester Film Capacitor
More results

Similar Description - JFD

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECQP1H101JZW PANASONICBATTERY-ECQP1H101JZW Datasheet
102Kb / 6P
Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
List of Unclassifed Man...
ER2220 ETC1-ER2220 Datasheet
308Kb / 6P
Epoxy Resin
02 February 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com