Electronic Components Datasheet Search
  English  ▼

X  

JFE Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFE
Description  Miniature size, non-inductive, epoxy dip coated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFE Datasheet(HTML) 2 Page - jb Capacitors Company

  JFE Datasheet HTML 1Page - jb Capacitors Company JFE Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Mini Met Polyester Film Capacitor – JFE
STANDARD SIZE (mm)
VDC
Mfd
160V
250V
400V
L
T
H
d
P
L
T
H
d
P
L
T
H
d
P
0.01
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.012
10.5
6
9
0.6
7.5
10.5
6
9
0.6
7.5
10.5
6
9
0.6
7.5
0.015
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
0.018
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.022
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.027
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.033
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.039
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.047
10.5
5.5
9.5
0.6
7.5
10.5
7
10.5
0.6
7.5
10.5
5.5
9.5
0.6
7.5
0.056
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
0.068
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
0.082
10.5
6
9.5
0.6
7.5
10.5
6
9.5
0.6
7.5
0.1
10.5
6.5
10
0.6
7.5
10.5
6.5
10
0.6
7.5
Please visit our website to get more update data, those data & specification are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com