Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0022 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0022
Description  E-Series Surface Mount Mixer 0.5 . 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0022 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0022 Datasheet HTML 1Page - Tyco Electronics MAMXES0022 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1600 A
Features
• LO Power +7 dBm
• Surface Mount
• Up to 1dBm RF
Description
M/A-COM’s MAMXES0022 is a Low Cost, Broadband, high
performance Double Balanced Mixer designed for use in high
volume wireless applications. The device has been optimised by
careful selection of the Schottky Diode and Balun Transformer
for excellent performance. MAMXES0022 is available in an SM-
134 surface mount package and reflows using standard soldering
reflow profiles.
SM-134 Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms, LO = +7dBm
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
0.5 - 500
LO
0.5 - 500
IF
DC -500
MHz
MHz
MHz
—
—
—
—
—
—
—
—
—
Conversion Loss
0.5 - 500
MHz
—
6.5
7.5
Isolation (LO-RF)
0.5 - 5
5 –250
250 –500
MHz
MHz
MHz
50
35
25
55
45
30
—
—
—
Isolation (LO-IF)
0.5 - 5
5 –250
250 –500
MHz
MHz
MHz
45
35
25
55
45
30
—
—
—
RF Input for 1dB Compression
dBm
—
—
+_1
E-Series Surface Mount Mixer
0.5 – 500 MHz
MAMXES0022


Similar Part No. - MAMXES0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0028 MACOM-MAMXES0028 Datasheet
98Kb / 3P
E-Series Surface Mount Mixer, 1 - 1000MHz
logo
M/A-COM Technology Solu...
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
E-Series Surface Mount Mixer 1 - 1000 MHz
More results

Similar Description - MAMXES0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-1 MACOM-ELCM-1 Datasheet
199Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1H MACOM-ELCM-1H Datasheet
212Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
EMRS-1 MACOM-EMRS-1 Datasheet
101Kb / 1P
E-Series Surface Mount Mixer 0.5 - 500 MHz
EMRS-1LH MACOM-EMRS-1LH Datasheet
60Kb / 1P
E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMX-007607-ELCM1H MACOM-MAMX-007607-ELCM1H Datasheet
128Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007607-ELCM1H MA-COM-MAMX-007607-ELCM1H Datasheet
136Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
E-Series Surface Mount Mixer 2 - 500 MHz
MAMXES0108 MA-COM-MAMXES0108 Datasheet
145Kb / 2P
E-Series Mixer, 0.5 - 500 MHz
ELCM-1H MA-COM-ELCM-1H Datasheet
162Kb / 2P
E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
E-Series Surface Mount Mixer 2 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com