Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0041 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0041
Description  E-Series Surface Mount Mixer 5 . 1900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0041 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0041 Datasheet HTML 1Page - Tyco Electronics MAMXES0041 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
Features
• LO Power +7 dBm
• Up to +1 dBm RF
• Surface Mount
Description
M/A-COM’s MAMXES0041 is a Low Cost, Broadband, high
performance Double Balanced Mixer designed for use in high
volume wireless applications. The device has been optimised by
careful selection of the Schottky Diode and Balun Transformer
for excellent performance. MAMXES0041 is available in an SM-
134 surface mount package and reflows using standard soldering
reflow profiles.
SM-134 Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms, LO = +7dBm
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
5 - 1900
MHz
—
—
—
LO
5 - 1900
MHz
—
—
—
IF
5 - 1000
MHz
—
—
—
Conversion Loss
10 - 950
dB
—
7.2
8.0
5 - 1900
dB
—
7.4
9.8
Isolation
(LO - RF)
5 - 50
MHz
45
50
—
50 - 950
MHz
25
37
—
950 - 1900
MHz
25
30
—
Isolation
(LO - IF)
5 - 50
MHz
45
56
—
50 - 950
MHz
25
40
—
950 - 1900
MHz
25
29
—
RF Input for 1dB Compression
dBm
—
—
+1
E-Series Surface Mount Mixer
5 – 1900 MHz
MAMXES0041


Similar Part No. - MAMXES0041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0042 MACOM-MAMXES0042 Datasheet
52Kb / 2P
E-Series Surface Mount Mixer 80 . 2500 MHz
More results

Similar Description - MAMXES0041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-11X MACOM-ELCM-11X Datasheet
219Kb / 2P
E-Series Surface Mount Mixer 5-1900 MHz
ELCM-2LH MACOM-ELCM-2LH Datasheet
122Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
MAMXES0001 MACOM-MAMXES0001 Datasheet
124Kb / 2P
E-Series Surface Mount Mixer 5 - 1900 MHz
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
E-Series Surface Mount Mixer 5-2500 MHz
MAMX-007238-CM25MH MACOM-MAMX-007238-CM25MH Datasheet
48Kb / 2P
E-Series Surface Mount Mixer 5 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH Datasheet
75Kb / 3P
E-Series Surface Mount Mixer 5-2500 MHz
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMXES0115 MA-COM-MAMXES0115 Datasheet
47Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
ELCM-5 MA-COM-ELCM-5 Datasheet
157Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
ELCM-11X MA-COM-ELCM-11X Datasheet
164Kb / 2P
E-Series Surface Mount Mixer 5 - 1900 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com