Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0042 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0042
Description  E-Series Surface Mount Mixer 80 . 2500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0042 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0042 Datasheet HTML 1Page - Tyco Electronics MAMXES0042 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1620 A
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
Features
• LO Power +13 dBm
• Up to +8 dBm RF
• Surface Mount
Description
M/A-COM’s MAMXES0042 is a Low Cost, Medium Drive,
Passive, Double Double Balanced Mixer. Constructed using very
broad band ferrite balun transformers and matched silicon
schottky diodes. It’s performance is especially suited to high
dynamic range receivers. Given it’s high 1dB compression point,
the MAMXES0042 is also suitable for Transmitter upconversion
at any frequency up to 2.5GHz.
SM-140 Package
Electrical Specifications @ +25°C
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
80 - 2500 MHz
IF 1.0 dB Bandwidth = DC - 1000 MHz
—
—
—
—
—
—
—
—
Conversion Loss
80 - 1000 MHz
1000 - 2500 MHz
dB
dB
—
—
—
—
7.5
9.0
L - R Isolation
80 - 1000 MHz
1000 - 2500 MHz
dB
dB
27.0
22.0
32.5
29.1
—
—
L - I Isolation
80 - 1000 MHz
1000 - 2500 MHz
dB
dB
25.0
15.0
31.8
19.82
—
—
R - I Isolation
80 - 1000 MHz
1000 - 2500 MHz
dB
dB
22.0
18.0
28.3
24.6
—
—
LO VSWR
80 - 1000 MHz
1000 - 2500 MHz
—
—
—
—
1.56
1.25
2.15
1.70
RF VSWR
80 - 1000 MHz
1000 - 2500 MHz
—
—
—
—
1.62
1.71
2.1
2.2
IF VSWR
DC - 600 MHz
—
—
1.65
2.3
Input IP3
200 - 1000 MHz
1000 - 2500 MHz
dBm
dBm
21.0
17.0
26.6
23.5
—
—
Input 1dB Compression
dBm
—
+8.0
—
E-Series Surface Mount Mixer
80 – 2500 MHz
MAMXES0042
Schematic
PRELIMINARY


Similar Part No. - MAMXES0042

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0041 MACOM-MAMXES0041 Datasheet
57Kb / 2P
E-Series Surface Mount Mixer 5 . 1900 MHz
More results

Similar Description - MAMXES0042

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C50H MACOM-ESMD-C50H Datasheet
143Kb / 3P
E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50M MACOM-ESMD-C50M Datasheet
168Kb / 4P
E-Series Surface Mount Mixer 80 . 2500 MHz
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
E-Series Surface Mount Mixer 5-2500 MHz
ESMD-C50H MACOM-ESMD-C50H_1 Datasheet
162Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50L MACOM-ESMD-C50L Datasheet
161Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50M MACOM-ESMD-C50M_1 Datasheet
161Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
MAMXES0117 MACOM-MAMXES0117 Datasheet
162Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50H MA-COM-ESMD-C50H Datasheet
181Kb / 3P
E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50L MA-COM-ESMD-C50L Datasheet
190Kb / 3P
E-Series Surface Mount Mixer 80 - 2500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com