Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0071 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0071
Description  E-Series Surface Mount Mixer 880 - 915 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0071 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0071 Datasheet HTML 1Page - Tyco Electronics MAMXES0071 Datasheet HTML 2Page - Tyco Electronics MAMXES0071 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
RF
880 - 915
LO
1030 - 1085
IF
150 - 170
—
—
—
MHz
MHz
MHz
—
—
—
—
—
—
—
—
—
Conversion loss
880 – 915 MHz
dB
—
7.0
8.0
LO – RF Isolation
1030 – 1085 MHz
dB
20
25
—
LO – IF Isolation
1030 – 1085 MHz
dB
25
30
—
IP3 (INPUT)
880 – 915 MHz
dBm
20
23
—
RF Return Loss
880 – 915 MHz
dB
10
20
—
Input 1dB Compression
point
880 – 915 MHz
dBm
12
14
—
Features
• LO Power +17 dBm
• Up to +1 dBm RF
• Surface Mount
• Low Profile
Description
M/A-COM’s MAMXES0071 is a Low Cost, Broadband,
high performance Double Balanced Mixer designed for
use in high volume wireless applications. The device has
been optimised by careful selection of the Schottky Diode
and Balun Transformer for excellent performance.
MAMXES0071 is available in an SM-89 surface mount
package and reflows using standard soldering
Electrical Specifications @ 25
°°°°C, Zo = 50 Ω
Ω
Ω
Ω, LO = +17dBm
E-Series Surface Mount Mixer
880 – 915 MHz
Note: Specifications subject to change without notice.
Functional Schematic SM-89


Similar Part No. - MAMXES0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
High IP3 Mixer with LO Amplifier 823 - 851 MHz
More results

Similar Description - MAMXES0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
EMRS-6HX1 MACOM-EMRS-6HX1 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 880 . 915 MHz
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
E - Series Surface Mount Mixer 890 - 915 MHz
EMRS-6HX1 MACOM-EMRS-6HX1_1 Datasheet
154Kb / 2P
E-Series Surface Mount Mixer 876-915 MHz
MAMXES0120 MACOM-MAMXES0120 Datasheet
47Kb / 2P
E-Series Surface Mount Mixer 880 - 915 MHz
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
83Kb / 2P
E-Series Surface Mount Mixer 880 - 915 MHz
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
E-Series Surface Mount Mixer 30-512 MHz
EMRS-6HX1 MA-COM-EMRS-6HX1 Datasheet
189Kb / 2P
E-Series Surface Mount Mixer 880 - 915 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com