Electronic Components Datasheet Search
  English  ▼

X  

MASW20000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW20000
Description  GaAs SPDT Switch DC - 20 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW20000 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW20000 Datasheet HTML 1Page - Tyco Electronics MASW20000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPDT Switch
DC - 20 GHz
MASW20000
Guaranteed Specifications* @ +25°C**
Frequency Range
DC-20.0 GHz
Insertion Loss
DC-10.0 GHz
1.7 dB Max
DC-18.0 GHz
2.1 dB Max
DC-20.0 GHz
2.5 dB Max
VSWR
DC-10.0 GHz
1.60:1 Max
DC-18.0 GHz
1.80:1 Max
DC-20.0 GHz
2.00:1 Max
Isolation
DC-10.0 GHz
50 dB Min
DC-18.0 GHz
42 dB Min
DC-20.0 GHz
40 dB Min
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
Trise, Tfall (10/90% or 90/10% RF)
2 ns Typ
Ton, Toff (50% CTL to 90/10% RF)
3 ns Typ
Transients (in-Band)
20 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0.5-20 GHz
+25 dBm Typ
0.05 GHz
+18 dBm Typ
Intermodulation Intercept point (for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.5-20 GHz
+59 dBm
+43 dBm Typ
0.05 GHz
+27 dBm Typ
Control Voltages (Complimentary Logic)
Vin Low
0 to -0.2 V @ 5 µA Max
Vin Hi
-5 V @50 µA Max
Die Size
0.083”x 0.035”X 0.004”
(2.10mm X 0.89mm X 0.10mm)
* Wafer level data.All specifications apply with 50
Ω impedance connected
to all RF ports, 0 and -5 Vdc control voltages.
** Loss change 0.0025 dB/°C . (From -55°C to +85°C)
Features
Very Broadband Performance
Low Insertion Loss, 1.75 dB Typical @ 18 GHz
High Isolation, 50 dB Typical @ 18 GHz
Fast Switching Time, 2 nS Typical
Reflective Configuration
Ultra Low DC Power Consumption
Via Hole Grounding
Typical Performance
GND
A1
B2
B1
A2
RF
GND
GND
RF2
GND
GND
RF1
GND
Schematic
q
q
q
q
q
q
q
INSERTION LOSS (dB)
2.0
1.5
1.0
0.5
0.0
80
60
40
20
0
2.0
1.8
1.6
1.4
1.2
1.0
0
4
8
12
16
20
0
4
8
12
16
20
0
4
8
12
16
20
ISOLATION (dB)
VSWR
FREQUENCY (GHz)
Input
Output


Similar Part No. - MASW20000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch
MASW20000 MA-COM-MASW20000_15 Datasheet
514Kb / 5P
Very Broadband Performance
More results

Similar Description - MASW20000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hexawave, Inc
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com