Electronic Components Datasheet Search
  English  ▼

X  

MASW6020G Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW6020G
Description  GaAs SPST Switch DC-6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW6020G Datasheet(HTML) 1 Page - Tyco Electronics

  MASW6020G Datasheet HTML 1Page - Tyco Electronics MASW6020G Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPST Switch
DC-6 GHz
MASW6020G
• Low Insertion Loss,0.6 dB Typical @ 1 GHz
• Fast Switching Speed,10 ns Typical
• Ultra Low DC Power Consumption
• Integral Static Protection
Guaranteed Specifications** @25°C***
Frequency Range
DC - 6000 MHz
Insertion Loss
(L) Low Loss
Low Loss Matched
(H) High Isolation
DC-1.0 GHz
0.8 dB
1.0 dB
0.9 dB
DC-2.0 GHz
0.9 dB
1.1 dB
1.0 dB
DC-6.0 GHz
2.5 dB
2.7 dB
2.5 dB
Isolation
(L) Low Loss
Low Loss Matched
(H) High Isolation
DC-1.0 GHz
30 dB
63 dB
64 dB
DC-2.0 GHz
22 dB
46 dB
52 dB
DC-6.0 GHz
11 dB
14 dB
19 dB
VSWR
(L) Low Loss
Low Loss Matched
(H) High Isolation
DC-1.0 GHz
1.1:1
1.1:1
1.1:1
DC-2.0 GHz
1.3:1
1.2:1
1.1:1
DC-6.0 GHz
2.0:1
2.7:1
2.0:1
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
Trise, Tfall (10%/90% or 90%/10% RF)
10 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
10 ns Typ
Transients (In-Band)
10 mV Typ
Input Power for 1 dB Compression
Control Voltages (VDC)
0/-5
0/-8
Above 500 MHz
+27 dBm
+33 dBm Typ
100 MHz
+21 dBm
+26 dBm Typ
Intermodulation Intercept Point (for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
Above 500 MHz
+68 dBm
+46 dBm Typ
100 MHz
+62 dBm
+40 dBm Typ
Control Voltages (Complementary Logic)
Vin Low
0 to -0.2V @ 20 µA Max
Vin Hi
-5V @ 50 µA Typ to -8V @ 300 µA Max
Die Size
0.031" x 0.051" x 0.010"
(0.80 mm x 01.30 mm x 0.25 mm)
*
Equivalent to Microelectronics Division (ANZAC) SW210H
** All specifications apply with 50
Ω impedance connected to all RF
ports, 0 and -8 VDC control voltages.
*** Loss change 0.0025 dB/°C. (From -55°C to +85°C)
Typical Performance
Schematic
Features


Similar Part No. - MASW6020G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
More results

Similar Description - MASW6020G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Tyco Electronics
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
Hittite Microwave Corpo...
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com