Electronic Components Datasheet Search
  English  ▼

X  

MASWSM0002TR Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSM0002TR
Description  5.2 GHz SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0002TR Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSM0002TR Datasheet HTML 1Page - Tyco Electronics MASWSM0002TR Datasheet HTML 2Page - Tyco Electronics MASWSM0002TR Datasheet HTML 3Page - Tyco Electronics MASWSM0002TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
4
Visit www.macom.com for additional data sheets and product information.
5.2 GHz SPDT Switch
MASWSM0002
V 1.1
4 mm, 16 Pin FQFP-N Package
Measurement (mm)
Dimension
Min.
Nom.
Max.
A
A1
A2
b
D
D2
e
E
E2
L
0.80
0
0.80
0.23
2.05
2.00
0.40
0.90
0.02
0.88
0.30
4.00
2.15
0.65
4.00
2.15
0.55
1.00
0.05
1.00
0.38
2.25
2.25
0.65
Note: See JEDEC MO-220A VGGC Issue B for additional
dimensional and tolerance information.
E2
16 x b
e
3 x e
L
e
3 x e
D2
D
E
A
A2
A1
PIN #1
IDENTIFIER
16
1
2
3
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com