Electronic Components Datasheet Search
  English  ▼

X  

MASWSM0015 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSM0015
Description  DPDT Switch, 4.5 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0015 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSM0015 Datasheet HTML 1Page - Tyco Electronics MASWSM0015 Datasheet HTML 2Page - Tyco Electronics MASWSM0015 Datasheet HTML 3Page - Tyco Electronics MASWSM0015 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
DPDT Switch, 4.5 – 6.0 GHz
Preliminary Release
V 1.1
Features
• UNII, Hiperlan, and 802.11a Applications
• Low Insertion Loss
• Positive Control Voltages
• Fast Switching Speed
• 4 mm FQFP-N Plastic Surface Mount Package
• Production Release Scheduled for Q2, 2002
Description
M/A-COM’s MASWSM0015 is a high frequency 2 x
2 switch optimized for 802.11a WLAN and fixed
wireless access applications. It has low insertion loss,
making it an ideal candidate for use as a double
antenna T/R switch or as a switch matrix building
block. Optimized for use from 4. 5 to 6.0 GHz, it
requires no off chip components, and is internally DC
blocked at the RF inputs.
The MASWSM0015 is fabricated using M/A-COM’s
P-HEMT switch technololgy for low insertion loss,
low supply voltage, and fast switching speed.
Ordering Information
Part Number
Description
MASWSM0015TR
7 inch, 1000 piece reel
MASWSM0015TR-3000
13 inch, 3000 piece reel
MASWSM0015SMB
Sample Test Board
Functional Schematic
Pin Configuration
Pin
Function
Description
1
ANT1
Antenna Port 1
2
N/C
Not Connected
3
VCTL1
Switch Control 1
4
ANT2
Antenna Port 2
5
N/C
Not Connected
6
N/C
Not Connected
7
N/C
Not Connected
8
N/C
Not Connected
9
N/C
Not Connected
10
RF1
RF Input Port 1
11
VCTL2
Switch Control 2
12
RF2
RF Input Port 2
13
N/C
Not Connected
14
N/C
Not Connected
15
N/C
Not Connected
16
N/C
Not Connected
Pad
GND
RF & DC Ground
ANT
1
N/C
V
CTL1
ANT
2
RF
1
N/C
V
CTL2
RF
2
1
16


Similar Part No. - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002SMB MACOM-MASWSM0002SMB Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002TR MACOM-MASWSM0002TR Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002TR-3000 MACOM-MASWSM0002TR-3000 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
More results

Similar Description - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com