Electronic Components Datasheet Search
  English  ▼

X  

PSOT03LC Datasheet(PDF) 1 Page - Protek Devices

Part # PSOT03LC
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT03LC Datasheet(HTML) 1 Page - Protek Devices

  PSOT03LC Datasheet HTML 1Page - Protek Devices PSOT03LC Datasheet HTML 2Page - Protek Devices PSOT03LC Datasheet HTML 3Page - Protek Devices PSOT03LC Datasheet HTML 4Page - Protek Devices PSOT03LC Datasheet HTML 5Page - Protek Devices PSOT03LC Datasheet HTML 6Page - Protek Devices PSOT03LC Datasheet HTML 7Page - Protek Devices PSOT03LC Datasheet HTML 8Page - Protek Devices PSOT03LC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05066.R8 10/12
Page 1
PSOT03LC - PSOT36LC
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The PSOTxxLC series are ultra low capacitance transient voltage suppressor (TVS) arrays, designed for power or data
line applications that provide protection against ESD, tertiary lightning and switching transients. This series offers low
clamping voltage for the protection of sensitive components.
The PSOTxxLC series has a peak pulse power of 500 Watts for an 8/20µs waveshape and is available in a SOT-23 pack-
age configuration. This series meets the IEC 61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Ground) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage
• Ultra Low Capacitance
• Available in Multiple Voltages Ranging from 3V to 36V
• RoHS Compliant
• REACH Compliant
mEChANICAL ChARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• Ethernet 10/100 Base T
• Cellular Phones
• FireWire
• Audio/Video Inputs
• Portable Electronics
PIN CONFIGURATION
SOT-23 PACkAGE
2
3
1


Similar Part No. - PSOT03LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT03LC PROTEC-PSOT03LC Datasheet
175Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC Datasheet
71Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC Datasheet
886Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC-LF-T13 PROTEC-PSOT03LC-LF-T13 Datasheet
71Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC-LF-T7 PROTEC-PSOT03LC-LF-T7 Datasheet
71Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT03LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05LC PROTEC-PSR05LC Datasheet
605Kb / 8P
500 WATT ultra low capacitance steering diode/TVS array
PSRDA3.3-6 PROTEC-PSRDA3.3-6_10 Datasheet
805Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_12 Datasheet
792Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com