Electronic Components Datasheet Search
  English  ▼

X  

PSOT05LC Datasheet(PDF) 2 Page - Protek Devices

Part # PSOT05LC
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT05LC Datasheet(HTML) 2 Page - Protek Devices

  PSOT05LC Datasheet HTML 1Page - Protek Devices PSOT05LC Datasheet HTML 2Page - Protek Devices PSOT05LC Datasheet HTML 3Page - Protek Devices PSOT05LC Datasheet HTML 4Page - Protek Devices PSOT05LC Datasheet HTML 5Page - Protek Devices PSOT05LC Datasheet HTML 6Page - Protek Devices PSOT05LC Datasheet HTML 7Page - Protek Devices PSOT05LC Datasheet HTML 8Page - Protek Devices PSOT05LC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05066.R8 10/12
Page 2
PSOT03LC - PSOT36LC
TYPICAL DEVICE ChARACTERISTICS
mAXImUm RATINGS @ 25°C Unless Otherwise Specified
PARAmETER
SYmBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUmBER
(Note 1)
DEVICE
mARkING
RATED
STAND-OFF
VOLTAGE
V
Wm
VOLTS
mINImUm
BREAkDOWN
VOLTAGE
(Note 2)
@ 1mA
V
(BR)
VOLTS
mAXImUm
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 1A
V
C
VOLTS
mAXImUm
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 5A
V
C
VOLTS
mAXImUm
LEAkAGE
CURRENT
@V
Wm
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1mhz
C
pF
PSOT03LC
03L
3.3
4.0
7.0
9.0
125
5
PSOT05LC
05L
5.0
6.0
9.8
11.0
20
5
PSOT08LC
08L
8.0
8.5
13.4
15.0
10
5
PSOT12LC
12L
12.0
13.3
19.0
23.0
1
5
PSOT15LC
15L
15.0
16.7
24.0
28.0
1
5
PSOT24LC
24L
24.0
26.7
43.0
46.0
1
5
PSOT36LC
36L
36.0
40.0
51.0
68.0
1
5
NOTES
1. Positive potential is applied from pin 1 to 2; pin 2 is ground.
2. Do not test or surge from pin 2 to 1. PIV typically greater than 100V for rectifier diode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com