Electronic Components Datasheet Search
  English  ▼

X  

MD-124 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MD-124
Description  Double-Balanced Mixer, 500 KHz - 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-124 Datasheet(HTML) 1 Page - Tyco Electronics

  MD-124 Datasheet HTML 1Page - Tyco Electronics MD-124 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Balanced Mixer,
500 KHz - 500 MHz
FP-2
V 3.00
Features
n
Usable down to 200 KHz
n
Conversion Loss: 6.5 dB Typical
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW max. @ 25°C,
Derated to 85°C @ 3.2 mW/°C
n
IF Port Current: 50 mA Max.
n
MIL-STD-883 Screening Available
Description
Transformers convert to the LO and RF paths to balanced
lines connecting a low barrier, Schottky diode ring quad.
These transformers help provide excellent isolation between
ports. Conversion loss is low. The direct connection of the
IF port to the diode quad allows these mixers to be used as
phase detectors and bi-phase modulators.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
0.5 - 500
DC - 500
MHz
MHz
—
—
—
—
—
—
Conversion Loss
dB
—
—
7.0
Isolation
LO to RF
0.5 - 10 MHz
10 - 200 MHz
200 - 500 MHz
dB
dB
dB
35
30
25
—
—
—
—
—
—
LO to IF
0.5 - 10 MHz
10 - 200 MHz
200 - 500 MHz
dB
dB
dB
30
25
20
—
—
—
—
—
—
RF to IF
0.5 - 10 MHz
10 - 200 MHz
200 - 500 MHz
dB
dB
dB
25
15
15
—
—
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
RF Input
1 dB Compression
1 dB Desensitization
dBm
dBm
—
—
+2
-2
—
—
DC Offset
—
—
mV
—
<3
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF


Similar Part No. - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer, 10 MHz - 3 GHz
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer
logo
Tyco Electronics
MD-123PIN MACOM-MD-123PIN Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123_15 Datasheet
100Kb / 3P
Double-Balanced Mixer
More results

Similar Description - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
Miniature High Level Double Balanced Mixer 5-500 MHz
logo
Tyco Electronics
M223 MACOM-M223 Datasheet
122Kb / 2P
Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com