Electronic Components Datasheet Search
  English  ▼

X  

MD-160 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MD-160
Description  Termination-Insensitive Mixer, 1 - 1500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-160 Datasheet(HTML) 2 Page - Tyco Electronics

  MD-160 Datasheet HTML 1Page - Tyco Electronics MD-160 Datasheet HTML 2Page - Tyco Electronics MD-160 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination-Insensitive Mixer, 1 - 1500 MHz
MD-160
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Typical Performance Curves
Conversion Loss
Isolation
3rd Order Intercept
Electrical Specifications: TA = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
SSB Noise Figure
Within 1 dB of Conversion Loss
Max.
—
—
—
—
—
PLO +13 dBm
15 MHz
500 MHz
1000 MHz
dBm
dBm
dBm
—
—
—
+18
+20
+19
—
—
—
PLO +20 dBm
15 MHz
500 MHz
1000 MHz
dBm
dBm
dBm
—
—
—
+23
+25
+25
—
—
—
3rd Order Intercept
Degradation
@ IF VSWR 3.0:1
—
dB
—
3
—
3rd Order Input
Intercept
3rd Order intercept vs. IF Port
Termination
5
6
7
8
9
10
11
0.5
5.0
50.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
+6 dBm
+8 dBm
+10 dBm
+13 dBm
+20 dBm
10
20
30
40
50
0.5
5.0
50.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
L-R
R-X
L-X
15
20
25
30
0.5
5.0
50.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
10 dBm
13 dBm
17 dBm
20 dBm
15
20
25
30
0.5
5.0
50.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
50 Ohm
+10 dBm LO
3.0:1 VSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com