Electronic Components Datasheet Search
  English  ▼

X  

IRF2805PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF2805PBF
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2805PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF2805PBF Datasheet HTML 1Page - International Rectifier IRF2805PBF Datasheet HTML 2Page - International Rectifier IRF2805PBF Datasheet HTML 3Page - International Rectifier IRF2805PBF Datasheet HTML 4Page - International Rectifier IRF2805PBF Datasheet HTML 5Page - International Rectifier IRF2805PBF Datasheet HTML 6Page - International Rectifier IRF2805PBF Datasheet HTML 7Page - International Rectifier IRF2805PBF Datasheet HTML 8Page - International Rectifier IRF2805PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF2805PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate-to-Source Voltage (V)
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
4.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
Fig 4. Typical Forward Transconductance
Vs. Drain Current
0
40
80
120
160
200
ID, Drain-to-Source Current (A)
0
40
80
120
160
200
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com