Electronic Components Datasheet Search
  English  ▼

X  

IRF2805SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2805SPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2805SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF2805SPBF Datasheet HTML 1Page - International Rectifier IRF2805SPBF Datasheet HTML 2Page - International Rectifier IRF2805SPBF Datasheet HTML 3Page - International Rectifier IRF2805SPBF Datasheet HTML 4Page - International Rectifier IRF2805SPBF Datasheet HTML 5Page - International Rectifier IRF2805SPBF Datasheet HTML 6Page - International Rectifier IRF2805SPBF Datasheet HTML 7Page - International Rectifier IRF2805SPBF Datasheet HTML 8Page - International Rectifier IRF2805SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
135
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
96
†
A
IDM
Pulsed Drain Current

700
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
380
mJ
EAS (6 sigma)
Single Pulse Avalanche Energy Tested Value
ˆ
1220
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
HEXFET® Power MOSFET
Absolute Maximum Ratings
VDSS = 55V
RDS(on) = 4.7mΩ
ID = 135A
†
07/22/10
www.irf.com
1
HEXFET(R) is a registered trademark of International Rectifier.
Description
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of this
product are a 175°C junction operating temperature,
fastswitchingspeedandimprovedrepetitiveavalanche
rating . These features combine to make this design
an extremely efficient and reliable device for use in a
wide variety of applications.
S
D
G
Typical Applications
l
Industrial Motor Drive
IRF2805SPbF
IRF2805LPbF
D2Pak
IRF2805SPbF
TO-262
IRF2805LPbF
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient(PCB Mounted, steady state)**
–––
40
°C/W
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
PD - 95944A


Similar Part No. - IRF2805SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2805SPBF IRF-IRF2805SPBF Datasheet
306Kb / 11P
HEXFET Power MOSFET
IRF2805SPBF IRF-IRF2805SPBF Datasheet
337Kb / 11P
Industrial Motor Drive
More results

Similar Description - IRF2805SPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com