Electronic Components Datasheet Search
  English  ▼

X  

MD-161PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # MD-161PIN
Description  Termination-Insensitive Mixer, 1 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-161PIN Datasheet(HTML) 2 Page - Tyco Electronics

  MD-161PIN Datasheet HTML 1Page - Tyco Electronics MD-161PIN Datasheet HTML 2Page - Tyco Electronics MD-161PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination-Insensitive Mixer, 1 - 500 MHz
MD-161
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Typical Performance Curves
Conversion Loss (LO @ +13 dBm,
IF @ 50 MHz)
Isolation
Conversion Loss vs. LO Power
(RF @ 300 MHz, IF @ 50 MHz)
3rd Order IM Ratio (LO @ +13 dBm,
RF @ -10 dBm)
VSWR
IF Port Response
4
5
6
7
8
9
10
1
10
100
200
300
400
500
600
700
Frequency (MHz)
4
5
6
7
8
9
10
2
4
6
8
10
12
14
15
LO Power (dBm)
0
1
2
1
10
100
200
300
400
500
600
700
Frequency (MHz)
0
10
20
30
40
50
60
1
10
100
200
300
400
500
600
700
Frequency (MHz)
RF-IF
LO-IF
LO-RF
45
50
55
60
65
1
10
100
200
300
400
500
600
700
Frequency (MHz)
3.0:1 Mismatch
IF Port Matched
1.0
1.5
2.0
2.5
3.0
1
10
100
200
300
400
500
600
700
Frequency (MHz)
LO
IF
RF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com