Electronic Components Datasheet Search
  English  ▼

X  

A16631 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # A16631
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

A16631 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  A16631 Datasheet HTML 1Page - KEC(Korea Electronics) A16631 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 5. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1663
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
HIGH CURRENT APPLICATION.
FEATURES
・1W (Mounted on Ceramic Substrate).
・Small Flat Package.
・Complementary to KTC4375.
MAXIMUM RATING (Ta=25℃)
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
1
2
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
F
F
D
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification O:100~200, Y:160~320
PC* : KTA1663 mounted on ceramic substrate (250mm2x0.8t)
Type Name
h
Rank
FE
Lot No.
Marking
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1.5
A
Base Current
IB
-0.3
A
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-1mA, IC=0
-5.0
-
-
V
DC Current Gain
hFE (Note)
VCE=-2V, IC=-500mA
100
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1.5A, IB=-0.03A
-
-
-2.0
V
Base-Emitter Voltage
VBE
VCE=-2V, IC=-500mA
-
-
-1.0
V
Transition Frequency
fT
VCE=-2V, IC=-500mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
50
pF


Similar Part No. - A16631

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
A16631 HITACHI-A16631 Datasheet
700Kb / 20P
Read Amplifier
More results

Similar Description - A16631

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com