Electronic Components Datasheet Search
  English  ▼

X  

MDS-149 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MDS-149
Description  Double-Balanced Mixer, 10 - 1500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MDS-149 Datasheet(HTML) 2 Page - Tyco Electronics

  MDS-149 Datasheet HTML 1Page - Tyco Electronics MDS-149 Datasheet HTML 2Page - Tyco Electronics MDS-149 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Double Balanced Mixer, 10 - 1500 MHz
MD-/MDS-149
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
2
Conversion Loss (IF = 5 MHz,
RF = -5 dBm, LO = +7 dBm)
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
10 - 1500
DC - 1500
MHz
MHz
—
—
—
Conversion Loss
10 - 1000 MHz
1000 - 1500 MHz
dB
dB
—
—
—
—
7.5
10
Isolation
LO to RF
10 - 100 MHz
100 - 1000 MHz
1000 - 1500 MHz
dB
dB
dB
35
30
20
—
—
—
—
—
—
LO to IF
10 - 100 MHz
100 - 1000 MHz
1000 - 1500 MHz
dB
dB
dB
35
20
12
—
—
—
—
—
—
RF to IF
10 - 100 MHz
100 - 1000 MHz
1000 - 1500 MHz
dB
dB
dB
30
18
8
—
—
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
DC Offset
—
—
mV
—
<4
—
RF Input
1 dB Compression
1 dB Desensitization
—
—
dBm
dBm
—
—
0
-2.0
—
—
SSB Noise Figure
Within 1 dB of Conversion Loss
Max
—
—
—
—
—
Typical Two-Tone IM
Ratio
with a –10 dBm input, each input,
25 MHz and 35 MHz IF
100 - 500 MHz
500 - 1000 MHz
1000 - 1500 MHz
dB
dB
dB
—
—
—
48
43
35
—
—
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
5
6
7
8
9
10
11
10
20
50
100 200 500 1000
1400
1800
Frequency (MHz)
Bottom View of SF-1
.506
4X .016 ± .002
.381
.000
.002
.165
.220
.385 Ref



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com