Electronic Components Datasheet Search
  English  ▼

X  

KTC3072L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3072L
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3072L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3072L Datasheet HTML 1Page - KEC(Korea Electronics) KTC3072L Datasheet HTML 2Page - KEC(Korea Electronics) KTC3072L Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC3072D/L
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
HIGH CURRENT APPLICATION
CAMERA STROBO (For Electronic Flash Unit)
FEATURES
Low Saturation Voltage : VCE(sat) = 0.4V(Max)(Ic=3A)
High Performance at Low Supply Voltage.
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note 1 : hFE(1) Classification O:120 240, Y:200 400, GR:350 700
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
7
V
Collector
Current
DC
IC
5
A
Pulse (Note1)
ICP
8
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note 1: Pulse Width 100mS, Duty Cycle 30%
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Base Breakdown Voltage
V(BR)CBO
IC=100 A, IE=0
40
-
-
V
Collector Emitter Breakdown Voltage (1)
V(BR)CEO
IC=1mA, IB=0
20
-
-
V
Emitter Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
7
-
-
V
Collector Cutoff Current
ICBO
VCB=20V, IE=0
-
-
100
nA
Emitter Cutoff Current
IEBO
VEB=7V, IC=0
-
-
100
nA
DC Current Gain
hFE(1)(Note1)
VCE=2V, IC=0.5A
120
-
700
hFE(2)
VCE=2V, IC=2A
100
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=60mA(Pulse)
-
-
0.4
V
Transition Frequency
fT
VCE=6V, IC=50mA
20
100
-
MHz
Collector Output Capacitance
Cob
VCB=20V, f=1MHz, IE=0
-
-
50
pF
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_


Similar Part No. - KTC3072L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3072L KEC-KTC3072L Datasheet
398Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT CAMERA STROBO)
logo
Inchange Semiconductor ...
KTC3072L ISC-KTC3072L Datasheet
323Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - KTC3072L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com