Electronic Components Datasheet Search
  English  ▼

X  

KTC3198 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3198
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3198 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3198 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3198 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3198 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2013. 7. 08
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC3198
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent h
FE Linearity
: hFE(2)=100(Typ.) at VCE=6V, IC=150mA
: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.).
・Low Noise : NF=1dB(Typ.). at f=1kHz.
・Complementary to KTA1266.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification O:70~140,
Y:120
~240, GR:200~400, BL:300~700
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
50
mA
Collector Power Dissipation
*PC
625
mW
400
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
0.1
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
DC Current Gain
hFE(1) (Note)
VCE=6V, IC=2mA
70
-
700
hFE(2)
VCE=6V, IC=150mA
25
100
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.1
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=10mA
-
-
1.0
V
Transition Frequency
fT
VCE=10V, IC=1mA
80
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.0
3.5
pF
Base Intrinsic Resistance
rbb’
VCB=10V, IE=1mA, f=30MHz
-
50
-
Ω
Noise Figure
NF
VCE=6V, IC=0.1mA, Rg=10kΩ, f=1kHz
-
1.0
10
dB
*Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - KTC3198

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3198 KEC-KTC3198 Datasheet
544Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SeCoS Halbleitertechnol...
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
logo
Tiger Electronic Co.,Lt...
KTC3198 TGS-KTC3198 Datasheet
123Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
logo
Foshan Blue Rocket Elec...
KTC3198 FOSHAN-KTC3198 Datasheet
1,004Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3198 JIANGSU-KTC3198 Datasheet
201Kb / 5P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KTC3198

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com