Electronic Components Datasheet Search
  English  ▼

X  

KTC3205 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3205
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3205 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3205 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3205 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1996. 9. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC3205
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
HIGH CURRENT APPLICATION.
FEATURES
Complementary to KTA1273.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification
0:100 200,
Y:160 320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Emitter Current
IE
-2
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
5
-
-
V
DC Current Gain
hFE (Note)
VCE=2V, IC=500mA
100
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.03A
-
-
2.0
V
Base-Emitter Voltage
VBE
VCE=2V, IC=500mA
-
-
1.0
V
Transition Frequency
fT
VCE=2V, IC=500mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
13
-
pF


Similar Part No. - KTC3205

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3205 KEC-KTC3205 Datasheet
325Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
logo
Shenzhen Jin Yu Semicon...
KTC3205 HTSEMI-KTC3205 Datasheet
450Kb / 2P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
KTC3205 WINNERJOIN-KTC3205 Datasheet
123Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
SeCoS Halbleitertechnol...
KTC3205 SECOS-KTC3205 Datasheet
57Kb / 1P
NPN Silicon General Purpose Transistor
More results

Similar Description - KTC3205

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com