Electronic Components Datasheet Search
  English  ▼

X  

RT8474A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8474A
Description  High Voltage Multiple-Topology LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8474A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8474A Datasheet HTML 1Page - Richtek Technology Corporation RT8474A Datasheet HTML 2Page - Richtek Technology Corporation RT8474A Datasheet HTML 3Page - Richtek Technology Corporation RT8474A Datasheet HTML 4Page - Richtek Technology Corporation RT8474A Datasheet HTML 5Page - Richtek Technology Corporation RT8474A Datasheet HTML 6Page - Richtek Technology Corporation RT8474A Datasheet HTML 7Page - Richtek Technology Corporation RT8474A Datasheet HTML 8Page - Richtek Technology Corporation RT8474A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8474A
3
DS8474A-05 April 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT8474A can be used in multiple topologies. In Buck
converter applications, an OVP pin is specially designed
to be used for an over voltage protection function.
RT8474A uses a fixed frequency, current-mode control
scheme to provide excellent line and load regulation. The
control loop has a current sense amplifier which senses
the voltage between the ISP and ISN pins and provides an
output voltage at the VC pin. A PWM comparator then
turns off the internal power switch when the sensed power
switch current exceeds the compensated VC pin voltage.
The power switch will not be reset by the oscillator clock
in each cycle. If the comparator does not turn off the
switch in a cycle, the power switch will be on for more
than a full switching period until the comparator is tripped.
In this manner, the programmed voltage across the sense
resistor is regulated by the control loop.
The current through the sense resistor is set by the
programmed voltage and the sense resistance. The voltage
across the sense resistor can be programmed by the
analog or digital signal at the CTL pin. The RT8474A
provides protection functions which include over-
temperature, and switch current limit to prevent abnormal
situations.
R
S
OSC
+
-
-
+
4.5V
ISP - 1.2V
+
-
+
-
GM
ISP
ISN
CTL
VCC
GND
VC
OVP
R
SW
Soft-Start
5V
LDO
CREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com