Electronic Components Datasheet Search
  English  ▼

X  

RT8497 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8497
Description  Power MOSFET Integrated High Efficiency BCM LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8497 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8497 Datasheet HTML 1Page - Richtek Technology Corporation RT8497 Datasheet HTML 2Page - Richtek Technology Corporation RT8497 Datasheet HTML 3Page - Richtek Technology Corporation RT8497 Datasheet HTML 4Page - Richtek Technology Corporation RT8497 Datasheet HTML 5Page - Richtek Technology Corporation RT8497 Datasheet HTML 6Page - Richtek Technology Corporation RT8497 Datasheet HTML 7Page - Richtek Technology Corporation RT8497 Datasheet HTML 8Page - Richtek Technology Corporation RT8497 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT8497
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8497-01
July
2015
www.richtek.com
3
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 40V
DRAIN to SOURCE Voltage, VDS, (RT8497B) --------------------------------------------------------------- 0.3V to 550V
DRAIN to SOURCE Voltage, VDS, (RT8497C) -------------------------------------------------------------- 550V
DRAIN to SOURCE Voltage, VDS, (RT8497, RT8497A) -------------------------------------------------- 0.3V to 500V
DRAIN Current, ID @ TC = 25C -------------------------------------------------------------------------------- 1.4A
DRAIN Current, ID @ TC = 100C ------------------------------------------------------------------------------ 0.9A
Power Dissipation, PD @ TA = 25C
SOP-8 -------------------------------------------------------------------------------------------------------------------
0.53W
Package Thermal Resistance
(Note 2)
SOP-8,
JA------------------------------------------------------------------------------------------------------------- 188C/W
Lead Temperature (Soldering, 10 sec.)-------------------------------------------------------------------------
260C
Junction Temperature -----------------------------------------------------------------------------------------------
150C
Storage Temperature Range --------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------
2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------
10V to 30V
Ambient Temperature Range--------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range -------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VCC = 24V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC UVLO ON
VUVLO_ON
17
18
19
V
VCC UVLO OFF
VUVLO_OFF
6.4
7.2
8
V
VCC Shut Down Current
ISHDN
VCC = 15V
--
--
1
A
VCC Quiescent Current
IQ
Drain stands still
--
0.5
5
mA
VCC Operating Current
ICC
By CGATE = 1nF, Freq. = 20kHz
--
1
5
mA
VCC OVP Level
VOVP
--
34
--
V
Current Sense Threshold
VSENSE
242.5
250
257.5
mV
AND Pin Leakage Current
IAND
VAND = 5V
--
1
2
A
Static Drain-Source
On-Resistance
RDS(ON)
VGS = 12V, ID
= 100mA
RT8497
--
5.2
--
RT8497A
--
2
--
RT8497B
--
4.2
--
RT8497C
--
7
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com