Electronic Components Datasheet Search
  English  ▼

X  

RT9073 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation RT9073 Datasheet HTML 10Page - Richtek Technology Corporation RT9073 Datasheet HTML 11Page - Richtek Technology Corporation RT9073 Datasheet HTML 12Page - Richtek Technology Corporation RT9073 Datasheet HTML 13Page - Richtek Technology Corporation RT9073 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9073
10
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PSRR vs. Frequency
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
VIN = 3.5V, ILOAD = 150mA
VIN = 3V, ILOAD = 50mA
VIN = 3.5V, ILOAD = 50mA
Time (250
μs/Div)
Line Transient
VIN = 2.4V to 5.5V, VOUT = 0.9V, ILOAD = 10mA
VIN
(2V/Div)
VOUT
(5mV/Div)
Time (50
μs/Div)
Power On from EN
VIN = 5V
VEN
(2V/Div)
VIN
(2V/Div)
ILOAD
(100mA/Div)
VOUT
(2V/Div)
Time (25
μs/Div)
Power Off from EN
VIN = 5V
VEN
(2V/Div)
VIN
(2V/Div)
ILOAD
(100mA/Div)
VOUT
(2V/Div)
Output Noise
-300
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
210
240
270
300
01
2345
678
9
10
sec (m)
VIN = 2.9V, VOUT = 0.9V, ILOAD = 100mA
COUT = 1
μF, f = 10Hz to 100kHz
Output Noise
Time (250
μs/Div)
Load Transient
VIN = 5V, VOUT = 3.3V, ILOAD = 10mA to 250mA
VIN
(200mV/Div)
ILOAD
(100mA/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com