Electronic Components Datasheet Search
  English  ▼

X  

RT9536H Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9536H
Description  Linear Single Cell Li-Ion Battery Charger IC for Portable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9536H Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9536H Datasheet HTML 1Page - Richtek Technology Corporation RT9536H Datasheet HTML 2Page - Richtek Technology Corporation RT9536H Datasheet HTML 3Page - Richtek Technology Corporation RT9536H Datasheet HTML 4Page - Richtek Technology Corporation RT9536H Datasheet HTML 5Page - Richtek Technology Corporation RT9536H Datasheet HTML 6Page - Richtek Technology Corporation RT9536H Datasheet HTML 7Page - Richtek Technology Corporation RT9536H Datasheet HTML 8Page - Richtek Technology Corporation RT9536H Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9536H
3
DS9536H-00
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9536H is designed for single cell Li-Ion battery
charger in portable applications.
Base Circuit
The Base circuit provides the internal power for VDD, VREF
reference voltage and bias current.
Power Switch with Switch Well Circuits
The main power switch between VIN and BATT is designed
to control the charge current for battery. The switch well
is designed to avoid the reverse current from battery to
input power.
Sleep Mode
When the charger is only connected to battery with no
input power, the charger will enter sleep mode and the
leakage current from battery to the charger will be less
than 10
μA for low power consumption
Current Set Block
The charge current is adjustable from the ISET pin with
an external resistor between the ISET and GND. The End-
of-Charge current is also adjustable by an external resistor
connected from the IEOC pin to GND. If the charging
current is less than EOC current, the CHGSB pin will be
pulled high.
Protection
The protection circuits include OVP, UVLO and OTP. When
the protection circuit is triggered, the main power switch
will be turned of to protect the charging system.
Multi-Loop Controller
The Multi-Loop controller controls the operation during
the charging process. The controller will make sure the
battery is well charged in a suitable current, voltage, and
die temperature.
Status Indicator
The CHGSB and PGB pin indicate the charger and power
condition. During the charging process, the CHGSB pin
is pulled low. When the charger is under charge done
condition or abnormal condition, the CHGSB will be high
impedance. The PGB pin indicates the input power status
at VIN pin. When the input power is normal, the PGB pin
is pulled low.
Operation Mode
The RT9536H provides programmable output current mode
setting including USB100, USB500 and Factory mode.
The operation mode is programmable through the input
pulse number at EN/SET pin. Under the factory mode,
besides the EN/SET is also used to set regulation to be
4.25V or 4.4V. Output current is up to 2.3A.
LDO
The RT9536H provides a LDO regulator to support the
peripheral circuits. The output voltage is regulated to 4.9V
and the maximum output current is 50mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com