Electronic Components Datasheet Search
  English  ▼

X  

RT9705 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9705 Datasheet HTML 2Page - Richtek Technology Corporation RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation RT9705 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9705
6
DS9705-07 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply and Leakage Currents
IS1
D1 = High, D0 = Low (VIN1 Active),
VIN1 = VIN2 = 3.6V, IOUT = 0A
--
55
100
Quiescent Current From
(VIN1 + VIN2) (Operating)
IS2
D0 = D1 = Low (VIN2 Active),
VIN1 = VIN2= 3.6V, IOUT = 0A
--
55
100
μA
Shut Down Current From
(VIN1 + VIN2) (Standby)
ISHDN
D0 = D1 = High (Inactive),
VIN1 = VIN2 = 3.6V, IOUT = 0A
--
0.5
3
μA
Forward Leakage Current From
VIN1 (Measured from VOUT to GND) IFLKG_VIN1
D0 = D1 = High (inactive),
VIN1 = 3.6V,
VIN2 Open, VOUT = 0V (Shorted)
--
0.1
5
μA
Forward Leakage Current From
VIN2 (Measured from VOUT to GND) IFLKG_VIN2
D0 = D1 = High (inactive),
VIN2 = 3.6V,
VIN1 Open, VOUT = 0V (Shorted)
--
0.1
5
μA
Reverse Leakage Current to VINx
(Measured from VINx to GND)
IRLKG_VINx
D0 = D1 = High (inactive), VINX = 0V,
VOUT = 3.6V
--
0.3
5
μA
Current Limit circuit
ILIM_400
RILIM = 400Ω, VIN1 = VIN2 = 3.6V
0.95
1.25 1.56
Current Limit Accuracy
ILIM_700
RILIM = 700Ω, VIN1 = VIN2 = 3.6V
0.47
0.71 0.99
A
Input Current at ILIM
ICE
VI(LIM) = 0V, IOUT = 0A
−30
--
0
μA
UVLO
VUVLO_FAL Falling Edge
1.2
1.28
--
VIN1 and VIN2 UVLO
VUVLO_RSE Rising Edge
--
1.34
1.4
V
VUVLO_FAL Falling Edge
2.2
2.4
--
Internal VDD UVLO (the higher of
VIN1 and VIN2)
VUVLO_RSE Rising Edge
2.5
2.8
V
UVLO Deglitch for VIN1 and VIN2
Falling Edge (Note 6)
--
100
--
μs
Reverse Conduction Blocking
ΔVO (I_Block) Minimum Output-to-
Input Voltage Difference to Block
Switching
D0 = D1 = High, VINX = 3.3V. Connect VOUT to
a 5V supply through a series 100
Ω resistor.
Let D0 = Low. Slowly decrease the supply
voltage until VOUT connects to VIN1.
--
130
--
mV
STAT Output
Leakage Current
ILEAKAGE
VO(STAT) = 5.5V
--
0.01
1
μA
Saturation Voltage
VSAT
II(STAT) = 2mA, VIN1 Switch is On
--
--
0.4
V
Deglitch Time (falling edge only)
(Note 6)
--
150
--
μs
Thermal Shutdown
Thermal Shutdown Protection
TSD
--
135
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
10
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com