Electronic Components Datasheet Search
  English  ▼

X  

RFSA2724 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSA2724
Description  Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2724 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSA2724 Datasheet HTML 1Page - RF Micro Devices RFSA2724 Datasheet HTML 2Page - RF Micro Devices RFSA2724 Datasheet HTML 3Page - RF Micro Devices RFSA2724 Datasheet HTML 4Page - RF Micro Devices RFSA2724 Datasheet HTML 5Page - RF Micro Devices RFSA2724 Datasheet HTML 6Page - RF Micro Devices RFSA2724 Datasheet HTML 7Page - RF Micro Devices RFSA2724 Datasheet HTML 8Page - RF Micro Devices RFSA2724 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFSA2724
DS130212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Truth Table
Serial Port Interface
Control Bit
Relative Gain
Setting
C16
C8
C4
C2
C1
C0.5
C0.25
11
11
111
Max gain
11
11
110
-0.25dB
11
11
101
-0.5dB
11
11
011
-1dB
11
10
111
-2dB
11
01
111
-4dB
10
11
111
-8dB
01
11
111
-16dB
00
00
000
-31.75dB
Note: C0.25 = D0, C0.5 = D1, …, C16 = D6 (for the purpose of the example below)
SPI Timing Diagram Specifications
Parameter
Limit
Unit
Comment
Logic Voltage Levels
t1
25
MHz max
CLK Frequency
S
State
Logic
t2
20
ns min
CLK High
Low
0V to 0.8V
t3
20
ns min
CLK Low
High
2.0V to 5.0V
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
SPI Timing Diagram
t10
Programming example – 7 bit
MSB
D5
D4
D3
D1
D2
D6
CLK
DATA
LE
LSB
D0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com