Electronic Components Datasheet Search
  English  ▼

X  

RFSA3013SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA3013SR
Description  75 VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3013SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA3013SR Datasheet HTML 1Page - RF Micro Devices RFSA3013SR Datasheet HTML 2Page - RF Micro Devices RFSA3013SR Datasheet HTML 3Page - RF Micro Devices RFSA3013SR Datasheet HTML 4Page - RF Micro Devices RFSA3013SR Datasheet HTML 5Page - RF Micro Devices RFSA3013SR Datasheet HTML 6Page - RF Micro Devices RFSA3013SR Datasheet HTML 7Page - RF Micro Devices RFSA3013SR Datasheet HTML 8Page - RF Micro Devices RFSA3013SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 of 17
RFSA3013
DS120419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Control con’t
Voltage Control Pin Current (MODE high)
37
AVC Pin at 5V
Voltage Control Pin Current (MODE low)
24
A
VC Pin at 3.3V
MODE Pin Logic Low
0.4
V
MODE Pin Logic High
1
V
Settling Time
15
sec
1dB attenuation change settling within
0.1dB
Note: Typical performance at nominal conditions unless otherwise noted: Supply voltage = 5.0V, Operating temperature = 25°C, RF Frequency
1GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com