Electronic Components Datasheet Search
  English  ▼

X  

RFSA3013SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3013SQ
Description  75 VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3013SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3013SQ Datasheet HTML 1Page - RF Micro Devices RFSA3013SQ Datasheet HTML 2Page - RF Micro Devices RFSA3013SQ Datasheet HTML 3Page - RF Micro Devices RFSA3013SQ Datasheet HTML 4Page - RF Micro Devices RFSA3013SQ Datasheet HTML 5Page - RF Micro Devices RFSA3013SQ Datasheet HTML 6Page - RF Micro Devices RFSA3013SQ Datasheet HTML 7Page - RF Micro Devices RFSA3013SQ Datasheet HTML 8Page - RF Micro Devices RFSA3013SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
4
CONTROL
BLOCK
ATTEN
RFIN
RFOUT
5
3
2
1
6
7
8
9
10
11
12
13
14
15
16
GND
NC
NC
NC
NC
GND
RFSA3013
75
VOLTAGE CONTROLLED ATTENUATOR
RFMD's RFSA3013 is a fully monolithic analog voltage controlled attenuator (VCA) featuring
exceptional linearity over a typical temperature compensated 30dB gain control range. It incor-
porates a revolutionary new circuit architecture to solve a long standing industry problem: high
IP3, high attenuation range, low DC current, broad bandwidth and temperature compensated
linear in dB control voltage characteristic. This voltage controlled attenuator is controlled by a
single positive control voltage with on-chip DC conditioning circuitry. The slope of the control
voltage versus gain is selectable. The RFSA3013 draws a very low 1mA current and is packaged
in a small 3mm x 3mm QFN. This attenuator is matched to 75
 over its rated control range and
frequency with no external matching components required. Typical VCAs in this performance
category have poor inherent attenuation versus temperature and poor nonlinear attenuation
versus control voltage characteristics. To correct these shortcomings, other VCAs require exten-
sive off chip analog support circuitry that consume valuable PCB area and additional DC power.
This game changing product incorporates the complete solution in a small 3mm x 3mm QFN
package that reduces the footprint by 20X in area and reduces the DC power by 10X over con-
ventional PIN diode approaches.
Features
Patent Pending Circuit
Architecture
Broadband 50MHz to 3000MHz
Frequency Range
30dB Attenuation Range
+50dBm IIP3 Typical
+80dBm IIP2 Typical
Low Distortion -65dBc CSO and
-70dBc CTB for 112 Channel
39dBmV Input
High 1dB Compression
Point >+30dBm
Low Supply Current 1mA Typical
5V Power Supply
Linear in dB Control
Characteristic
Internal Temperature
Compensation
Class 1C ESD (1000V)
Complete Solution in a Small
3mm x 3mm, QFN Package
3.3V Version Available
RFSA3023
Applications
Cable Modems
CATV
High Linearity Power Control
DS120419
Package Style: QFN, 16-Pin, 0.9mm x 3mm x 3mm
RFSA3013
75W Voltage
Controlled
Attenuator
RFSA3013SR
7” Sample reel with 100 pieces
RFSA3013SQ
Sample bag with 25 pieces
RFSA3013TR7
7” Reel with 2500 pieces
RFSA3013PCK-410 50MHz to 3000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA3013SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023PCK-410 RFMD-RFSA3023PCK-410 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023SQ RFMD-RFSA3023SQ Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023SR RFMD-RFSA3023SR Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023TR7 RFMD-RFSA3023TR7 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
More results

Similar Description - RFSA3013SQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
Voltage Controlled Attenuator
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com