Electronic Components Datasheet Search
  English  ▼

X  

RFSA3023 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFSA3023
Description  75 VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3023 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFSA3023 Datasheet HTML 9Page - RF Micro Devices RFSA3023 Datasheet HTML 10Page - RF Micro Devices RFSA3023 Datasheet HTML 11Page - RF Micro Devices RFSA3023 Datasheet HTML 12Page - RF Micro Devices RFSA3023 Datasheet HTML 13Page - RF Micro Devices RFSA3023 Datasheet HTML 14Page - RF Micro Devices RFSA3023 Datasheet HTML 15Page - RF Micro Devices RFSA3023 Datasheet HTML 16Page - RF Micro Devices RFSA3023 Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14 of 17
RFSA3023
DS120419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PCB Patterns
Thermal vias for center slug “C” should be incorporated into the PCB design. The number and size of thermal vias will depend
on the application, the power dissipation, and the electrical requirements. Example of the number and size of vias can be
found on the RFMD evaluation board layout.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground Pin
2NC
No Connection. Do Not Connect to PC Board Ground Plane.
3RFIN
RF Input. Use External DC Block. RF input must be this pin to insure linearity and thermal resistance
specifications.
4NC
No Connection. Do Not Connect to PC Board Ground Plane.
5GND
Ground Pin
6GND
Ground Pin
7GND
Ground Pin
8GND
Ground Pin
9NC
No Connection. Do Not Connect to PC Board Ground Plane.
10
RFOUT
RF Output. Use External DC Block. RF output must be this pin to insure linearity and thermal resis-
tance specifications.
11
NC
No Connection. Do Not Connect to PC Board Ground Plane.
12
GND
Ground Pin
13
GND
Ground Pin
14
VC
Attenuator Control Voltage
15
VDD
Supply Voltage (3.3V)
16
MODE
Attenuation Slope Control
Set to Logic Low to Enable Negative Attenuation Slope.
Set to Logic High to Enable Positive Attenuation Slope.
GND
GND
Exposed Package Ground Paddle is RF and DC Ground
PCB STENCIL PATTERN
AA
B
B
C
AA
B
B
PCB SOLDER MASK PATTERN
PCB METAL
PATTERN
A = 0.260 x 0.528 (mm) Typ
B = 0.528 x 0.260 (mm) Typ
C = 1.700 x 1.700 (mm) 15% Rounded Rectangle
12x 0.240
AA
B
B
AA
B
B
A = 0.380 x 0.648 (mm) Typ
B = 0.648 x 0.380 (mm) Typ
C = 1.820 x 1.820 (mm) 15% Rounded Rectangle
16x 0.250
A = 0.234 x 0.475 (mm) Typ
B = 0.475 x 0.234 (mm) Typ
C = 1.530 x 1.530 (mm) 15% Rounded Rectangle
4x 1.364
2x 0.250
2x 0.250
2x 0.750
4x 1.364
2x 0.750
0.000
AA
B
B
C
AA
B
B
12x 0.266
AA
B
B
AA
B
B
16x 0.361
4x 1.364
2x 0.250
2x 0.250
2x 0.750
4x 1.364
2x 0.750
0.000
AA
B
B
C
AA
B
B
12x 0.120
AA
B
B
AA
B
B
16x 0.130
4x 1.364
2x 0.250
2x 0.250
2x 0.750
4x 1.364
2x 0.750
0.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com